Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2300-CP Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS2300-CP
Description  Fractional-N Clock Multiplier with Internal LCO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2300-CP Datasheet(HTML) 2 Page - Cirrus Logic

  CS2300-CP_09 Datasheet HTML 1Page - Cirrus Logic CS2300-CP_09 Datasheet HTML 2Page - Cirrus Logic CS2300-CP_09 Datasheet HTML 3Page - Cirrus Logic CS2300-CP_09 Datasheet HTML 4Page - Cirrus Logic CS2300-CP_09 Datasheet HTML 5Page - Cirrus Logic CS2300-CP_09 Datasheet HTML 6Page - Cirrus Logic CS2300-CP_09 Datasheet HTML 7Page - Cirrus Logic CS2300-CP_09 Datasheet HTML 8Page - Cirrus Logic CS2300-CP_09 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
CS2300-CP
2
DS843F1
TABLE OF CONTENTS
1. PIN DESCRIPTION ................................................................................................................................. 4
2. TYPICAL CONNECTION DIAGRAM ..................................................................................................... 5
3. CHARACTERISTICS AND SPECIFICATIONS ...................................................................................... 6
RECOMMENDED OPERATING CONDITIONS .................................................................................... 6
ABSOLUTE MAXIMUM RATINGS ........................................................................................................ 6
DC ELECTRICAL CHARACTERISTICS ................................................................................................ 6
AC ELECTRICAL CHARACTERISTICS ................................................................................................ 7
PLL PERFORMANCE PLOTS ............................................................................................................... 8
CONTROL PORT SWITCHING CHARACTERISTICS- I²C FORMAT ................................................... 9
CONTROL PORT SWITCHING CHARACTERISTICS - SPI FORMAT ............................................... 10
4. ARCHITECTURE OVERVIEW ............................................................................................................. 11
4.1 Delta-Sigma Fractional-N Frequency Synthesizer ......................................................................... 11
4.2 Hybrid Analog-Digital Phase Locked Loop ....................................................................................11
5. APPLICATIONS ................................................................................................................................... 13
5.1 Timing Reference Clock ................................................................................................................. 13
5.2 Frequency Reference Clock Input, CLK_IN ................................................................................... 13
5.2.1 CLK_IN Skipping Mode ......................................................................................................... 13
5.2.2 Adjusting the Minimum Loop Bandwidth for CLK_IN ............................................................ 15
5.3 Output to Input Frequency Ratio Configuration ............................................................................. 16
5.3.1 User Defined Ratio (RUD) ..................................................................................................... 16
5.3.2 Ratio Modifier (R-Mod) .......................................................................................................... 17
5.3.3 Effective Ratio (REFF) .......................................................................................................... 17
5.3.4 Ratio Configuration Summary ............................................................................................... 18
5.4 PLL Clock Output ........................................................................................................................... 19
5.5 Auxiliary Output .............................................................................................................................. 19
5.6 Clock Output Stability Considerations ............................................................................................ 20
5.6.1 Output Switching ................................................................................................................... 20
5.6.2 PLL Unlock Conditions .......................................................................................................... 20
5.7 Required Power Up Sequencing .................................................................................................... 20
6. SPI / I²C CONTROL PORT ................................................................................................................... 20
6.1 SPI Control ..................................................................................................................................... 21
6.2 I²C Control ...................................................................................................................................... 21
6.3 Memory Address Pointer ............................................................................................................... 23
6.3.1 Map Auto Increment .............................................................................................................. 23
7. REGISTER QUICK REFERENCE ........................................................................................................ 23
8. REGISTER DESCRIPTIONS ................................................................................................................ 24
8.1 Device I.D. and Revision (Address 01h) ....................................................................................... 24
8.1.1 Device Identification (Device[4:0]) - Read Only ..................................................................... 24
8.1.2 Device Revision (Revision[2:0]) - Read Only ........................................................................ 24
8.2 Device Control (Address 02h) ........................................................................................................ 24
8.2.1 Unlock Indicator (Unlock) - Read Only .................................................................................. 24
8.2.2 Auxiliary Output Disable (AuxOutDis) ................................................................................... 24
8.2.3 PLL Clock Output Disable (ClkOutDis) .................................................................................. 25
8.3 Device Configuration 1 (Address 03h) ........................................................................................... 25
8.3.1 R-Mod Selection (RModSel[2:0]) ...........................................................................................25
8.3.2 Auxiliary Output Source Selection (AuxOutSrc[1:0]) ............................................................. 25
8.3.3 Enable Device Configuration Registers 1 (EnDevCfg1) ........................................................ 26
8.4 Global Configuration (Address 05h) ............................................................................................... 26
8.4.1 Device Configuration Freeze (Freeze) ................................................................................ 26
8.4.2 Enable Device Configuration Registers 2 (EnDevCfg2) ....................................................... 26
8.5 Ratio (Address 06h - 09h) .............................................................................................................. 26
8.6 Function Configuration 1 (Address 16h) ........................................................................................ 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com