Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2300-CP Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS2300-CP
Description  Fractional-N Clock Multiplier with Internal LCO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2300-CP Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS2300-CP_09 Datasheet HTML 13Page - Cirrus Logic CS2300-CP_09 Datasheet HTML 14Page - Cirrus Logic CS2300-CP_09 Datasheet HTML 15Page - Cirrus Logic CS2300-CP_09 Datasheet HTML 16Page - Cirrus Logic CS2300-CP_09 Datasheet HTML 17Page - Cirrus Logic CS2300-CP_09 Datasheet HTML 18Page - Cirrus Logic CS2300-CP_09 Datasheet HTML 19Page - Cirrus Logic CS2300-CP_09 Datasheet HTML 20Page - Cirrus Logic CS2300-CP_09 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
CS2300-CP
DS843F1
17
in either a high resolution (12.20) or high multiplication (20.12) format selectable by the LFRatioCfg bit,
with 20.12 being the default.
The RUD for high resolution (12.20) format is encoded with 12 MSBs representing the integer binary por-
tion with the remaining 20 LSBs representing the fractional binary portion. The maximum multiplication
factor is approximately 4096 with a resolution of 0.954 PPM in this configuration. See “Calculating the
User Defined Ratio” on page 29 for more information.
The RUD for high multiplication (20.12) format is encoded with 20 MSBs representing the integer binary
portion with the remaining 12 LSBs representing the fractional binary portion. In this configuration, the
maximum multiplication factor is approximately 1,048,575 with a resolution of 244 PPM. It is recommend-
ed that the 12.20 High-Resolution format be utilized whenever the desired ratio is less than 4096 since
the output frequency accuracy of the PLL is directly proportional to the accuracy of the timing reference
clock and the resolution of the RUD.
5.3.2
Ratio Modifier (R-Mod)
The Ratio Modifier is used to internally multiply/divide the RUD (the Ratio stored in the register space re-
mains unchanged). The available options for RMOD are summarized in Table 1 on page 17.
The R-Mod value selected by RModSel[2:0] is always used in the calculation for the Effective Ratio
(REFF), see “Effective Ratio (REFF)” on page 17. If R-Mod is not desired, RModSel[2:0] should be left at
its default value of ‘000’, which corresponds to an R-Mod value of 1, thereby effectively disabling the ratio
modifier.
Table 1. Ratio Modifier
5.3.3
Effective Ratio (REFF)
The Effective Ratio (REFF) is an internal calculation comprised of RUD and the appropriate modifiers, as
previously described. REFF is calculated as follows:
REFF = RUD
R
MOD
Referenced Control
Register Location
Ratio...................................... “Ratio (Address 06h - 09h)” on page 26
LFRatioCfg ............................ “Low-Frequency Ratio Configuration (LFRatioCfg)” on page 28
RModSel[2:0]
Ratio Modifier
000
1
001
2
010
4
011
8
100
0.5
101
0.25
110
0.125
111
0.0625
Referenced Control
Register Location
Ratio...................................... “Ratio (Address 06h - 09h)” on page 26
RModSel[2:0] ........................ “R-Mod Selection (RModSel[2:0])” section on page 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com