Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5513 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS5513
Description  16-bit and 20-bit, 8-pin ?誇 ADCs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5513 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS5513 Datasheet HTML 8Page - Cirrus Logic CS5513 Datasheet HTML 9Page - Cirrus Logic CS5513 Datasheet HTML 10Page - Cirrus Logic CS5513 Datasheet HTML 11Page - Cirrus Logic CS5513 Datasheet HTML 12Page - Cirrus Logic CS5513 Datasheet HTML 13Page - Cirrus Logic CS5513 Datasheet HTML 14Page - Cirrus Logic CS5513 Datasheet HTML 15Page - Cirrus Logic CS5513 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
CS5510/11/12/13
12
DS337F4
V+
VREF
AIN+
SCLK
SDO
CS5510/11/12/13
CS
+5.0 V
Supply
1
2
6
8
4
Clock Source
Serial
Data
Interface
AIN-
3
V-
7
0.1
μF
(Required for
CS5510/12
Applications)
Differential Input
(± 80% VREF)
5
V+ = 5.0 V
+
-
Voltage
Reference
+
-
+
-
Common Mode = 0 to V+
Figure 6. CS5510/11/12/13 Configured with a +5.0 V Analog Supply.
V+
VREF
AIN+
SCLK
SDO
CS5510/11/12/13
CS
+2.5 V
Supply
1
2
6
8
4
Clock Source
Serial
Data
Interface
AIN-
3
V-
7
+
-
0.1
μF
+
-
(Required for
CS5510/12
Applications)
Differential Input
(± 80% VREF)
Common Mode =
V+ to V-
5
-2.5 V
Supply
0.1
μF
Implies the ground return
between the two supplies.
V+ = 2.5 V
+
-
Reference
Voltage
Figure 7. CS5510/11/12/13 Configured with ±2.5 V Analog Supplies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com