Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5513 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS5513
Description  16-bit and 20-bit, 8-pin ?誇 ADCs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5513 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS5513 Datasheet HTML 13Page - Cirrus Logic CS5513 Datasheet HTML 14Page - Cirrus Logic CS5513 Datasheet HTML 15Page - Cirrus Logic CS5513 Datasheet HTML 16Page - Cirrus Logic CS5513 Datasheet HTML 17Page - Cirrus Logic CS5513 Datasheet HTML 18Page - Cirrus Logic CS5513 Datasheet HTML 19Page - Cirrus Logic CS5513 Datasheet HTML 20Page - Cirrus Logic CS5513 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
CS5510/11/12/13
DS337F4
17
2.5.3
Output Coding
As shown in Tables 1 and 2, the CS5510/11/12/13
present output conversions as 24-bit conversion
words. The first bit of the conversion word indi-
cates that a conversion is done through SDO fall-
ing from a logic high to a logic low level. The first
and the fourth bits output will always be zero. The
second and third bits are error flags, representing
an overflow or oscillation condition. In the
CS5510/11, there are four more bits of zero, and
the remaining 16 bits are the conversion data, out-
put MSB first (Table 2). In the CS5512/13, the final
20 bits are the conversion data, which is output
MSB first (Table 1).
Bits D22-D21 are the two flag bits. The OF (Over-
range Flag) bit is set to a logic 1 any time the input
signal is more positive than positive full scale, or
more negative than negative full scale. It is cleared
back to logic 0 whenever a conversion word occurs
which is not overranged. The OD (Oscillation De-
tect) bit is set to a logic 1 any time that an oscillatory
condition is detected in the modulator.
This does
not occur under normal operating conditions, but
may occur whenever the input to the converter is ex-
SD O
SC L K
D a ta T im e
24 S C L K s
MS B
LS B
CS
0
OF
OD
0
00
00
0
0
Figure 17. Data Word Timing for the CS5511.
SDO
SC L K
D a ta T im e
24 S C LK s
MS B
LSB
CS
0
OF
O D
0
0
0
Figure 18. Data Word Timing for the CS5512.
SD O
SC L K
Da ta T im e
24 S C LK s
MS B
LS B
CS
0
OF
O D
0
0
0
Figure 19. Data Word Timing for the CS5513.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com