Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5513 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS5513
Description  16-bit and 20-bit, 8-pin ?誇 ADCs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5513 Datasheet(HTML) 3 Page - Cirrus Logic

  CS5513 Datasheet HTML 1Page - Cirrus Logic CS5513 Datasheet HTML 2Page - Cirrus Logic CS5513 Datasheet HTML 3Page - Cirrus Logic CS5513 Datasheet HTML 4Page - Cirrus Logic CS5513 Datasheet HTML 5Page - Cirrus Logic CS5513 Datasheet HTML 6Page - Cirrus Logic CS5513 Datasheet HTML 7Page - Cirrus Logic CS5513 Datasheet HTML 8Page - Cirrus Logic CS5513 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
CS5510/11/12/13
DS337F4
3
LIST OF FIGURES
Figure 1. SDO Read Timing CS5510/12 ........................................................................................ 9
Figure 2. SDO Read Timing CS5511/13 ........................................................................................ 9
Figure 3. Input models for AIN+ and AIN- pins. ............................................................................ 10
Figure 4. CS5512/13 Measured Noise-Free Bits vs. VREF. ......................................................... 11
Figure 5. Input model for VREF pin............................................................................................... 11
Figure 6. CS5510/11/12/13 Configured with a +5.0 V Analog Supply. ......................................... 12
Figure 7. CS5510/11/12/13 Configured with ±2.5 V Analog Supplies........................................... 12
Figure 8. CS5510/11/12/13 Configured with V+ = +3.3 V and
V- = -1.7 V; or V+ = +3.0 V and V- = -2.0 V. ................................................................. 13
Figure 9. CS and SCLK Digital Input Levels. ................................................................................ 14
Figure 10. SDO Digital Output Levels. .......................................................................................... 14
Figure 11. Serial Port Output Drive Logic. .................................................................................... 14
Figure 12. External (CMOS Compatible) Clock Source. ............................................................... 15
Figure 13. Using a Microcontroller as a Clock Source. ................................................................. 15
Figure 14. Typical Linearity Error for CS5510............................................................................... 15
Figure 15. Typical Linearity Error for CS5512............................................................................... 15
Figure 16. Data Word Timing for the CS5510............................................................................... 16
Figure 17. Data Word Timing for the CS5511............................................................................... 17
Figure 18. Data Word Timing for the CS5512............................................................................... 17
Figure 19. Data Word Timing for the CS5513............................................................................... 17
Figure 20. Digital Filter Response................................................................................................. 19
LIST OF TABLES
Table 1. CS5512/13 Output Conversion Data Register Description (Flags + 20 bits). ................. 18
Table 2. CS5510/11 Output Conversion Data Register Description (Flags + 16 bits). ................. 18
Table 3. CS5510/11/12/13 Output Coding. ................................................................................... 18
Table 4. Digital Filter Response at 32.768 kHz............................................................................ 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com