Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUS50 Datasheet(PDF) 2 Page - Motorola, Inc

Part # BUS50
Description  70 AMPERES NPN SILICON POWER TRANSISTOR 125 VOLTS (BVCEO) 350 WATTS 200 V (BVCES)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BUS50 Datasheet(HTML) 2 Page - Motorola, Inc

  BUS50 Datasheet HTML 1Page - Motorola, Inc BUS50 Datasheet HTML 2Page - Motorola, Inc BUS50 Datasheet HTML 3Page - Motorola, Inc BUS50 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BUS50
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS1
Collector–Emitter Sustaining Voltage
(IC = 200 mA, IB = 0, L = 25 mH)
VCEO(sus)
125
Vdc
Collector Cutoff Current at Reverse Bias
(VCE = 200 V, VBE = –1.5 V)
(VCE = 200 V, VBE = –1.5 V, TC = 125_C)
ICEX
0.2
2
mAdc
Collector–Emitter Cutoff Current
(VCE = 125 V)
ICEO
1
mAdc
Emitter Cutoff Current
(VEB = 7 V)
IEBO
0.2
mAdc
ON CHARACTERISTICS1
DC Current Gain
(IC = 5 A, VCE = 4 V)
(IC = 50 A, VCE = 4 V)
hFE
20
15
Collector–Emitter Saturation Voltage
(IC = 35 A, IB = 2 A)
(IC = 70 A, IB = 7 A)
VCE(sat)
1
1.2
Vdc
Base–Emitter Saturation Voltage
(IC = 35 A, IB = 2 A)
(IC = 70 A, IB = 7 A)
VBE(sat)
1.8
2
Vdc
SWITCHING CHARACTERISTICS (Resistive Load) ton and (Inductive Load) tsv, tfi
Turn–On Time
IC = 70 A, IB1 = 7 A VBE(off) = –5 V
(VCC = 125 V)
ton
1.2
µs
Storage Time
IC = 70 A, IB1 = 7 A VBE(off) = –5 V
(VCC = 125 V)
tsv
1.5
Fall Time
(VCC = 125 V)
tfi
0.3
1 Pulse Test: Pulse Width v 300 µs, Duty Cycle v 2%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com