Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUS50 Datasheet (PDF) - Motorola, Inc

BUS50 Datasheet PDF - Motorola, Inc
Part # BUS50
Download  BUS50 Download
File Size   115.55 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 70 AMPERES NPN SILICON POWER TRANSISTOR 125 VOLTS (BVCEO) 350 WATTS 200 V (BVCES)

BUS50 Datasheet (PDF)

Go To PDF Page Download Datasheet
BUS50 Datasheet PDF - Motorola, Inc

Part # BUS50
Download  BUS50 Click to download

File Size   115.55 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 70 AMPERES NPN SILICON POWER TRANSISTOR 125 VOLTS (BVCEO) 350 WATTS 200 V (BVCES)

BUS50 Datasheet (HTML) - Motorola, Inc


BUS50 Product details

The BUS50 transistor is designed for low voltage, high–speed, power switching in inductive circuits where fall time is critical. It is particularly suited for battery switchmode applications such as:

• Switching Regulators
• Inverters
• Solenoid and Relay Drivers
• Motor Controls
    Fast Turn–Off Times 300 ns Inductive Fall Time –25°C (Typ)
    Operating Temperature Range –65 to +200°C




Similar Part No. - BUS50

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BUS50 SEME-LAB-BUS50 Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3
logo
ON Semiconductor
BUS50 ONSEMI-BUS50 Datasheet
51Kb / 4P
NPN Silicon Power Transistors
March, 2001 ??Rev. 9
logo
Inchange Semiconductor ...
BUS50 ISC-BUS50 Datasheet
182Kb / 2P
isc Silicon NPN Power Transistor
BUS50 ISC-BUS50 Datasheet
240Kb / 2P
isc Silicon NPN Power Transistor
logo
Power-One
BUS505 POWER-ONE-BUS505 Datasheet
104Kb / 2P
BUS DC/DC converters(3 WATT)
More results


Similar Description - BUS50

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BU323AP MOTOROLA-BU323AP Datasheet
218Kb / 6P
DARLINGTON NPN SILICON POWER TRANSISTOR 400 VOLTS 125 WATTS
BUV11 MOTOROLA-BUV11 Datasheet
138Kb / 4P
20 AMPERES NPN SILICON POWER METAL TRANSISTOR 200 VOLTS 150 WATTS
BUV20 MOTOROLA-BUV20 Datasheet
142Kb / 4P
50 AMPERES NPN SILICON POWER METAL TRANSISTOR 125 VOLTS 250 WATTS
BUV21 MOTOROLA-BUV21 Datasheet
139Kb / 4P
40 AMPERES NPN SILICON POWER METAL TRANSISTOR 200 VOLTS 250 WATTS
BUX41 MOTOROLA-BUX41 Datasheet
122Kb / 4P
15 AMPERES NPN SILICON POWER METAL TRANSISTOR 200 VOLTS 120 WATTS
MJE3439 MOTOROLA-MJE3439 Datasheet
100Kb / 4P
0.3 AMPERE POWER TRANSISTOR NPN SILICON 350 VOLTS 15 WATTS
MJE8503A MOTOROLA-MJE8503A Datasheet
89Kb / 4P
POWER TRANSISTORS 5.0 AMPERES 1500 VOLTS - BVCES 80 WATTS
MJF6107 MOTOROLA-MJF6107 Datasheet
217Kb / 6P
PNP SILICON POWER TRANSISTOR 7 AMPERES 70 VOLTS 34 WATTS
logo
ON Semiconductor
BU323AP ONSEMI-BU323AP Datasheet
201Kb / 6P
DARLINGTON NPN SILICON POWER TRANSISTOR 400 VOLTS 125 WATTS
1996 REV 8
MJE15034 ONSEMI-MJE15034 Datasheet
64Kb / 6P
4.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 350 VOLTS 50 WATTS
November, 2003 ??Rev. 2
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com