Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUS50 Datasheet(PDF) 1 Page - Motorola, Inc

Part # BUS50
Description  70 AMPERES NPN SILICON POWER TRANSISTOR 125 VOLTS (BVCEO) 350 WATTS 200 V (BVCES)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BUS50 Datasheet(HTML) 1 Page - Motorola, Inc

  BUS50 Datasheet HTML 1Page - Motorola, Inc BUS50 Datasheet HTML 2Page - Motorola, Inc BUS50 Datasheet HTML 3Page - Motorola, Inc BUS50 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Bipolar Power Transistor Device Data
SWITCHMODE Series
NPN Silicon Power Transistors
The BUS50 transistor is designed for low voltage, high–speed, power switching in
inductive circuits where fall time is critical. It is particularly suited for battery
switchmode applications such as:
• Switching Regulators
• Inverters
• Solenoid and Relay Drivers
• Motor Controls
Fast Turn–Off Times
300 ns Inductive Fall Time – 25
_C (Typ)
Operating Temperature Range – 65 to + 200
_C
MAXIMUM RATINGS
Rating
Symbol
BUS50
Unit
Collector–Emitter Voltage
VCEO(sus)
125
Vdc
Collector–Emitter Voltage
VCEV
200
Vdc
Emitter Base Voltage
VEB
7
Vdc
Collector Current — Continuous
— Peak (1)
— Overload
IC
ICM
IoI
70
140
Adc
Base Current — Continuous
— Peak (1)
IB
IBM
20
Adc
Total Power Dissipation — TC = 25°C
— TC = 100°C
Derate above 25
_C
PD
350
200
2
Watts
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to + 200
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
0.5
_C/W
Maximum Lead Temperature
for Soldering Purposes:
1/8
″ from Case for 5 Seconds
TL
275
_C
(1) Pulse Test: Pulse Width = 5 ms, Duty Cycle
x10%.
SWITCHMODE is a trademark of Motorola, Inc.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by BUS50/D
© Motorola, Inc. 1995
BUS50
70 AMPERES
NPN SILICON
POWER TRANSISTOR
125 VOLTS (BVCEO)
350 WATTS
200 V (BVCES)
CASE 197A–05
TO–204AE
REV 7


Similar Part No. - BUS50

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BUS50 SEME-LAB-BUS50 Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3
logo
ON Semiconductor
BUS50 ONSEMI-BUS50 Datasheet
51Kb / 4P
NPN Silicon Power Transistors
March, 2001 ??Rev. 9
logo
Inchange Semiconductor ...
BUS50 ISC-BUS50 Datasheet
182Kb / 2P
isc Silicon NPN Power Transistor
BUS50 ISC-BUS50 Datasheet
240Kb / 2P
isc Silicon NPN Power Transistor
logo
Power-One
BUS505 POWER-ONE-BUS505 Datasheet
104Kb / 2P
BUS DC/DC converters(3 WATT)
More results

Similar Description - BUS50

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BU323AP MOTOROLA-BU323AP Datasheet
218Kb / 6P
DARLINGTON NPN SILICON POWER TRANSISTOR 400 VOLTS 125 WATTS
BUV11 MOTOROLA-BUV11 Datasheet
138Kb / 4P
20 AMPERES NPN SILICON POWER METAL TRANSISTOR 200 VOLTS 150 WATTS
BUV20 MOTOROLA-BUV20 Datasheet
142Kb / 4P
50 AMPERES NPN SILICON POWER METAL TRANSISTOR 125 VOLTS 250 WATTS
BUV21 MOTOROLA-BUV21 Datasheet
139Kb / 4P
40 AMPERES NPN SILICON POWER METAL TRANSISTOR 200 VOLTS 250 WATTS
BUX41 MOTOROLA-BUX41 Datasheet
122Kb / 4P
15 AMPERES NPN SILICON POWER METAL TRANSISTOR 200 VOLTS 120 WATTS
MJE3439 MOTOROLA-MJE3439 Datasheet
100Kb / 4P
0.3 AMPERE POWER TRANSISTOR NPN SILICON 350 VOLTS 15 WATTS
MJE8503A MOTOROLA-MJE8503A Datasheet
89Kb / 4P
POWER TRANSISTORS 5.0 AMPERES 1500 VOLTS - BVCES 80 WATTS
MJF6107 MOTOROLA-MJF6107 Datasheet
217Kb / 6P
PNP SILICON POWER TRANSISTOR 7 AMPERES 70 VOLTS 34 WATTS
logo
ON Semiconductor
BU323AP ONSEMI-BU323AP Datasheet
201Kb / 6P
DARLINGTON NPN SILICON POWER TRANSISTOR 400 VOLTS 125 WATTS
1996 REV 8
MJE15034 ONSEMI-MJE15034 Datasheet
64Kb / 6P
4.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 350 VOLTS 50 WATTS
November, 2003 ??Rev. 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com