Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJF6107 Datasheet (PDF) - Motorola, Inc

MJF6107 Datasheet PDF - Motorola, Inc
Part # MJF6107
Download  MJF6107 Download
File Size   217.12 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description PNP SILICON POWER TRANSISTOR 7 AMPERES 70 VOLTS 34 WATTS

MJF6107 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJF6107 Datasheet PDF - Motorola, Inc

Part # MJF6107
Download  MJF6107 Click to download

File Size   217.12 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description PNP SILICON POWER TRANSISTOR 7 AMPERES 70 VOLTS 34 WATTS

MJF6107 Datasheet (HTML) - Motorola, Inc


MJF6107 Product details

Power Transistor

For Isolated Package Applications



Designedfor general–purpose amplifier and switching applications, wherethe mountingsurface of the device is required to be electrically isolated from theheatsink or chassis.



• Electrically Similar to the Popular 2N6107

• 70 VCEO(sus)

• 7 A Rated Collector Current

• No Isolating Washers Required

• Reduced System Cost

• High Current Gain–Bandwidth Product

    fT= 4 MHz (Min) Ca, IC= 500 mAdc

• UL Recognized, File #E69369, to 3500 VRMS Isolation




Similar Part No. - MJF6107

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJF6107 ONSEMI-MJF6107 Datasheet
102Kb / 8P
Power Transistor
April, 2001 ??Rev. 3
More results


Similar Description - MJF6107

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BU406 MOTOROLA-BU406 Datasheet
100Kb / 4P
7 AMPERES NPN SILICON POWER TRANSISTORS 60 WATTS 150 and 200 VOLTS
BU522B MOTOROLA-BU522B Datasheet
105Kb / 4P
7 AMPERES DARLINGTON POWER TRANSISTORS NPN SILICON 450 VOLTS 75 WATTS
BUH150 MOTOROLA-BUH150 Datasheet
462Kb / 10P
POWER TRANSISTOR 15 AMPERES 700 VOLTS 150 WATTS
BUS50 MOTOROLA-BUS50 Datasheet
115Kb / 4P
70 AMPERES NPN SILICON POWER TRANSISTOR 125 VOLTS (BVCEO) 350 WATTS 200 V (BVCES)
BUX85 MOTOROLA-BUX85 Datasheet
115Kb / 4P
2 AMPERES POWER TRANSISTOR NPN SILICON 450 VOLTS 50 WATTS
MJD243 MOTOROLA-MJD243 Datasheet
209Kb / 6P
NPN SILICON POWER TRANSISTOR 4 AMPERES 100 VOLTS 12.5 WATTS
MJE9780 MOTOROLA-MJE9780 Datasheet
75Kb / 4P
PNP SILICON POWER TRANSISTOR 3.0 AMPERES 150 VOLTS
logo
ON Semiconductor
BUH51 ONSEMI-BUH51 Datasheet
387Kb / 10P
POWER TRANSISTOR 3 AMPERES 800 VOLTS 50 WATTS
1995
logo
Central Semiconductor C...
2N6031 CENTRAL-2N6031 Datasheet
317Kb / 2P
PNP SILICON POWER TRANSISTOR 140 VOLTS, 200 WATTS
logo
ON Semiconductor
2N6107 ONSEMI-2N6107_11 Datasheet
117Kb / 5P
7 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 30 ??50 ??70 VOLTS, 40 WATTS
October, 2011 ??Rev. 9
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com