Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU406 Datasheet (PDF) - Motorola, Inc

BU406 Datasheet PDF - Motorola, Inc
Part # BU406
Download  BU406 Download
File Size   100.41 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 7 AMPERES NPN SILICON POWER TRANSISTORS 60 WATTS 150 and 200 VOLTS

BU406 Datasheet (PDF)

Go To PDF Page Download Datasheet
BU406 Datasheet PDF - Motorola, Inc

Part # BU406
Download  BU406 Click to download

File Size   100.41 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 7 AMPERES NPN SILICON POWER TRANSISTORS 60 WATTS 150 and 200 VOLTS

BU406 Datasheet (HTML) - Motorola, Inc


BU406 Product details

These devices are high voltage, high speed transistors for horizontal deflection output stages of TV’s and CRT’s.

• High Voltage: VCEV = 330 or 400 V
• Fast Switching Speed: tf = 750 ns (max)
• Low Saturation Voltage: VCE(sat) = 1 V (max) @ 5 A
• Packaged in Compact JEDEC TO–220AB
   




Similar Part No. - BU406

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BU406 MOSPEC-BU406 Datasheet
106Kb / 3P
POWER TRANSISTORS(7A,150-200V,60W)
logo
Power Innovations Ltd
BU406 POINN-BU406 Datasheet
157Kb / 7P
NPN SILICON POWER TRANSISTORS
logo
STMicroelectronics
BU406 STMICROELECTRONICS-BU406 Datasheet
67Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
Jun-1997
logo
Wing Shing Computer Com...
BU406 WINGS-BU406 Datasheet
24Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR(HIGH VOLTAGE SWITCHING USE IN HORIZONTAL DEFLECTION OUTPUT STAGE)
logo
Fairchild Semiconductor
BU406 FAIRCHILD-BU406 Datasheet
47Kb / 5P
High Voltage Switching
More results


Similar Description - BU406

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BU522B MOTOROLA-BU522B Datasheet
105Kb / 4P
7 AMPERES DARLINGTON POWER TRANSISTORS NPN SILICON 450 VOLTS 75 WATTS
BUV11 MOTOROLA-BUV11 Datasheet
138Kb / 4P
20 AMPERES NPN SILICON POWER METAL TRANSISTOR 200 VOLTS 150 WATTS
MJ10020 MOTOROLA-MJ10020 Datasheet
293Kb / 8P
60 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 200 AND 250 VOLTS 250 WATTS
MJ15018 MOTOROLA-MJ15018 Datasheet
135Kb / 4P
4.0 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 200 AND 250 VOLTS 150 WATTS
MJE18009 MOTOROLA-MJE18009 Datasheet
433Kb / 10P
POWER TRANSISTORS 10 AMPERES 1000 VOLTS 50 and 150 WATTS
MJE341 MOTOROLA-MJE341 Datasheet
130Kb / 4P
0.5 AMPERE POWER TRANSISTORS NPN SILICON 150-200 VOLTS 20 WATTS
MJF15030 MOTOROLA-MJF15030 Datasheet
246Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS 36 WATTS
MJH16006A MOTOROLA-MJH16006A Datasheet
337Kb / 10P
POWER TRANSISTORS 8 AMPERES 500 VOLTS 150 WATTS
MJW21192 MOTOROLA-MJW21192 Datasheet
150Kb / 8P
8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 150 VOLTS 100 WATTS
logo
ON Semiconductor
MJF15030 ONSEMI-MJF15030_06 Datasheet
143Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS, 36 WATTS
April, 2006 ??Rev. 5
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com