Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS4122 Datasheet(PDF) 2 Page - Advanced Monolithic Systems

Part # AMS4122
Description  SINGLE 4A/DUAL 2A BUCK CONVERTER IN SO8
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS4122 Datasheet(HTML) 2 Page - Advanced Monolithic Systems

  AMS4122 Datasheet HTML 1Page - Advanced Monolithic Systems AMS4122 Datasheet HTML 2Page - Advanced Monolithic Systems AMS4122 Datasheet HTML 3Page - Advanced Monolithic Systems AMS4122 Datasheet HTML 4Page - Advanced Monolithic Systems AMS4122 Datasheet HTML 5Page - Advanced Monolithic Systems AMS4122 Datasheet HTML 6Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722 Fax (925) 443-0723
AMS4122
PIN DESCRIPTION
Pin Number
NAME
DESCRIPTION
1
SW2
This connects the inductor the Internal Switch2
2
P2VIN
Input Power Pin for SW2 from unregulated power supply
3
GND
Ground Pin connected to PCB ground plane. This pin is also the ground for internal
voltage reference.
4
F/B2
Feedback2. A resistor network of two resistors is used to set-up the output voltage
connected between Output2 to GND. The node between the two resistors is connected to
Feedback2 pin. In Two Phase Mode F/B2 should be connected to a voltage 2.5V or
higher
5
F/B1
Feedback1. A resistor network of two resistors is used to set-up the output voltage
connected between Output1 to GND. The node between the two resistors is connected to
Feedback1 pin.
6
EN
Enable. A voltage greater than 2.5V at this pin enables both devices operation.
7
P1+AVIN
Input Power Pin for SW1 and Analog Input Voltage that powers up the chip
8
SW1
This connects the inductor the Internal Switch1
RECOMMANDED OPERATING CONDITIONS: The minimum input voltage should be 4.5V, however the device will
function as low as 4.0V. The maximum operating voltage should be 20V, the device will work at 22V but the switching loss is
higher. The best performance is at 1.5A output load per channel; however it works well with 2A load per channel. The minimum
supply voltage is Vout +1Vfor 1A load and Vout +1.1V for 2A load but must be higher than 4.2V. There is an internal UVLO
that will turn off the device if the input voltage is below 4.0V. When the input voltage exceeds 12V the output load current
should be maintain below 1.5A, due to switching loss the device will have lower performance.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com