Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS4122 Datasheet(PDF) 5 Page - Advanced Monolithic Systems

Part # AMS4122
Description  SINGLE 4A/DUAL 2A BUCK CONVERTER IN SO8
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS4122 Datasheet(HTML) 5 Page - Advanced Monolithic Systems

  AMS4122 Datasheet HTML 1Page - Advanced Monolithic Systems AMS4122 Datasheet HTML 2Page - Advanced Monolithic Systems AMS4122 Datasheet HTML 3Page - Advanced Monolithic Systems AMS4122 Datasheet HTML 4Page - Advanced Monolithic Systems AMS4122 Datasheet HTML 5Page - Advanced Monolithic Systems AMS4122 Datasheet HTML 6Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722 Fax (925) 443-0723
AMS4122
TYPICAL APPLICATION
2 Phase Single Output Application
VOUT = VREF (1+ R1/R2)
P2 VIN
SW 1
P1+A VIN
EN
F/B 1
0
SW 2
F/B 2
VIN
VEN
V OUT
L2 10µ
C2
1n
R1
on
off
C1
22µ
7.333K
1K
D1
D2
4A @ 5V
GND
2x22µF
MBR330
MBR330
10µ
L1
R2
Dual Output Application
VOUT1 = VREF (1+ R1/R2)
VOUT2 = VREF (1+ R3/R4)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com