Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS4122 Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS4122
Description  SINGLE 4A/DUAL 2A BUCK CONVERTER IN SO8
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS4122 Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS4122 Datasheet HTML 1Page - Advanced Monolithic Systems AMS4122 Datasheet HTML 2Page - Advanced Monolithic Systems AMS4122 Datasheet HTML 3Page - Advanced Monolithic Systems AMS4122 Datasheet HTML 4Page - Advanced Monolithic Systems AMS4122 Datasheet HTML 5Page - Advanced Monolithic Systems AMS4122 Datasheet HTML 6Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722 Fax (925) 443-0723
Advanced
AMS4122
Monolithic
SINGLE 4A/DUAL 2A BUCK CONVERTER IN SO8
Systems
RoHS compliant
FEATURES
APPLICATIONS
• 2 Independent Asynchronous Buck Converters in SO-8
• Audio Power Amplifiers
• Internally compensated
• Portable (Notebook) Computers
• Built in soft start
• Point of regulation for high performance electronics
• Enable with Zero current shut down
• Consumer Electronics
• 400KHz switching per output
• Desktop Computers
• Interleaved oscillator to reduced supply ripple
• LCD TVs and LCD monitors
• Simply re-configures to 2 phase single output
• Distributed Power Systems
• Up to 4A output in 2 phase mode
• Battery Chargers
• Independent hiccup current limit
• Pre-Regulator for Linear Regulators
GENERAL DESCRIPTION
AMS4122 is a dual switching regulator capable to deliver up to 2A for each channel. Internally Compensated internal Soft Start
makes AMS4122 one of the simplest and easiest switching regulators to use with the minimum external components. Each
regulator has independent hiccup current limit. The Enable pin turns both devices on when a voltage of 2.5V or higher it is
applied to EN pin. Since both devices share one single package the thermal protection turns off both devices when the die
temperature exceeds approximately 135°C. Both regulators are adjustable using a 0.600V reference for low output voltage
settings. The oscillators are 180° phase to each other to reduce the ripples on the input power supply and minimize the power
dissipation on the package. The device can be easily configured for Two Phase single output switching regulator capable of 5A
output load. By applying a 2.5V or greater on feedback pin of the second switching regulator the device enters in Two Phase
Mode. The first benefit of having a Two Phase device is reducing the output ripples by a factor of four as the single phase. The
second benefit is higher output current capability at overall low cost. AMS4122 combined with AMS4123 (2A Switching
Regulator + 1A LDO in SO-8) makes complete solution for LCD TV power requirements.
ORDERING INFORMATION
PINCONNECTIONS
TYPICAL APPLICATION
Package Type
SOIC EDP
TEMP. RANGE
AMS4122S
-25°C to 125°C
8L SOIC
SO Package (S)
2
8
3
4
7
6
5
EN
F/ B 1
F/ B 2
P1+AVIN
P2VIN
GND
1
SW 1
SW 2
Top View


Similar Part No. - AMS4122

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS4122 ADMOS-AMS4122 Datasheet
534Kb / 6P
SINGLE 4A/DUAL 2A BUCK CONVERTER IN SO8
AMS4122S ADMOS-AMS4122S Datasheet
534Kb / 6P
SINGLE 4A/DUAL 2A BUCK CONVERTER IN SO8
More results

Similar Description - AMS4122

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS4122 ADMOS-AMS4122 Datasheet
534Kb / 6P
SINGLE 4A/DUAL 2A BUCK CONVERTER IN SO8
AMS4154 ADMOS-AMS4154 Datasheet
277Kb / 5P
2A OUTPUT PWM BUCK CONVERTER
AMS4155 ADMOS-AMS4155 Datasheet
389Kb / 6P
2A OUTPUT PWM BUCK CONVERTER
logo
Diodes Incorporated
AP1539 DIODES-AP1539 Datasheet
239Kb / 12P
18V 4A 300KHz BUCK CONVERTER
AP1539 Rev. 2
AP1539_0910 DIODES-AP1539_0910 Datasheet
306Kb / 13P
18V 4A 300KHz BUCK CONVERTER
AP1539 Rev. 4
logo
ON Semiconductor
NCP6334B-V3 ONSEMI-NCP6334B-V3 Datasheet
256Kb / 14P
3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
NCV6334B ONSEMI-NCV6334B_12 Datasheet
251Kb / 14P
3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
logo
Taiwan Semiconductor Co...
TS3420CX6RFG TSC-TS3420CX6RFG Datasheet
115Kb / 2P
2A, 1.25MHz Synchronous Buck Converter
TS3420 TSC-TS3420 Datasheet
419Kb / 9P
2A, 1.25MHz Synchronous Buck Converter
logo
E-CMOS Corporation
EC3282S E-CMOS-EC3282S Datasheet
997Kb / 9P
2A, 28V, Buck Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com