Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS617LSG Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # ATS617LSG
Description  Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS617LSG Datasheet(HTML) 5 Page - Allegro MicroSystems

  ATS617LSG Datasheet HTML 1Page - Allegro MicroSystems ATS617LSG Datasheet HTML 2Page - Allegro MicroSystems ATS617LSG Datasheet HTML 3Page - Allegro MicroSystems ATS617LSG Datasheet HTML 4Page - Allegro MicroSystems ATS617LSG Datasheet HTML 5Page - Allegro MicroSystems ATS617LSG Datasheet HTML 6Page - Allegro MicroSystems ATS617LSG Datasheet HTML 7Page - Allegro MicroSystems ATS617LSG Datasheet HTML 8Page - Allegro MicroSystems ATS617LSG Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Dynamic, Self-Calibrating, Peak-Detecting, Differential
Hall Effect Gear Tooth Sensor IC
ATS617LSG
5
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
REFERENCE TARGET 60+2
Characteristics
Sym-
bol
Test Conditions
Typ.
Units
Symbol Key
Outside Diameter
Do
Outside diameter of target
120
mm
Do
ht
F
Air Gap
Branded Face of Package
t
tv
tSIG
Face Width
F
Breadth of tooth, with respect
to branded face
6mm
Angular Tooth
Thickness
t
Length of tooth, with respect to
branded face; measured at Do
3
deg.
Signature Region
Angular Tooth
Thickness
tSIG
Length of signature tooth, with
respect to branded face; mea-
sured at Do
15
deg.
Angular Valley
Thickness
tv
Length of valley, with respect to
branded face; measured at Do
3
deg.
Tooth Whole Depth
ht
3mm
Material
Low Carbon Steel
–
–
Reference Target
Signature Region
60+2
of Package
Branded Face
Pin 4
Pin 1
Reference Target (Gear) Information
Figure 1. Configuration with Radial-Tooth Reference Target



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com