Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS617LSG Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # ATS617LSG
Description  Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS617LSG Datasheet(HTML) 3 Page - Allegro MicroSystems

  ATS617LSG Datasheet HTML 1Page - Allegro MicroSystems ATS617LSG Datasheet HTML 2Page - Allegro MicroSystems ATS617LSG Datasheet HTML 3Page - Allegro MicroSystems ATS617LSG Datasheet HTML 4Page - Allegro MicroSystems ATS617LSG Datasheet HTML 5Page - Allegro MicroSystems ATS617LSG Datasheet HTML 6Page - Allegro MicroSystems ATS617LSG Datasheet HTML 7Page - Allegro MicroSystems ATS617LSG Datasheet HTML 8Page - Allegro MicroSystems ATS617LSG Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Dynamic, Self-Calibrating, Peak-Detecting, Differential
Hall Effect Gear Tooth Sensor IC
ATS617LSG
3
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
OPERATING CHARACTERISTICS over operating voltage and temperature range, unless otherwise noted
Characteristic
Symbol
Test Condition
Min.
Typ.1
Max.
Unit
Electrical Characteristics
Supply Voltage2
VCC
Operating, TJ < 165C
4.5
24
V
Supply Protection Resistor
RS
–60
72
Ω
Undervoltage Lockout Threshold
VCC(UV) VCC = 0 → 5 V; VCC = 5 → 0 V
3.7
V
Output On Voltage
VOUT(SAT) IOUT = 15 mA, output on
100
400
mV
Supply Zener Clamp Voltage
VZsupply ICC = 15 mA, TA = 25°C
28
V
Output Zener Clamp Voltage
VZoutput IOUT = 3 mA, TA = 25°C
30
V
Supply Zener Current
IZsupply
VS = 28 V
15
mA
Output Zener Current
IZoutput
VOUT = 30 V
3
mA
Output Current Limit
IOUTM
VOUT = 12 V
25
45
55
mA
Output Leakage Current
IOUTOFF VOUT = 24 V, output off
15
μA
Supply Current
ICC
VCC > VCC(min)
3
6
12
mA
Power-On Time
tPO
VCC > 5 V
80
500
μs
Power-On State
POS
VCC = 0 → 5 V
High
V
Output Rise Time3
tr
RPU = 2 kΩ, CL = 4.7 nF, 10% to 90%
21
μs
Output Fall Time
tf
VPU = 5 V, RPU = 2 kΩ, CL = 4.7 nF, 90% to 10%
6
μs
VPU =12 V, RPU = 2 kΩ, CL = 4.7 nF, 90% to 10%
6
9
12
μs
Performance Characteristics
Operating Air Gap Range
AG
Allegro reference target 60+2 operating at or above Mini-
mum Operating Speed
0.4
2.5
mm
Operating Magnetic Flux Density
Differential4
BAG(p-p) Operation at or above Minimum Operating Speed
60
G
Analog Signal Bandwidth
BW
15
kHz
Minimum Operating Speed
SOP
Allegro 60+2 reference target
10
rpm
Continued on the next page…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com