Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS617LSG Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # ATS617LSG
Description  Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS617LSG Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button ATS617LSG Datasheet HTML 2Page - Allegro MicroSystems ATS617LSG Datasheet HTML 3Page - Allegro MicroSystems ATS617LSG Datasheet HTML 4Page - Allegro MicroSystems ATS617LSG Datasheet HTML 5Page - Allegro MicroSystems ATS617LSG Datasheet HTML 6Page - Allegro MicroSystems ATS617LSG Datasheet HTML 7Page - Allegro MicroSystems ATS617LSG Datasheet HTML 8Page - Allegro MicroSystems ATS617LSG Datasheet HTML 9Page - Allegro MicroSystems ATS617LSG Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Dynamic, Self-Calibrating, Peak-Detecting, Differential
Hall Effect Gear Tooth Sensor IC
ATS617LSG
6
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Characteristic Data
Continued on the next page.
VCC (V)
Supply Current (On) versus Supply Voltage
TA (°C)
VCC (V)
Supply Current (Off) versus Supply Voltage
Supply Current (Off) versus Ambient Temperature
25
85
150
–40
TA (°C)
Supply Current (On) versus Ambient Temperature
TA (°C)
VCC (V)
4.5
12
18
24
VCC (V)
4.5
12
18
24
TA (°C)
25
85
150
–40
12
11
10
9
8
7
6
5
4
3
12
11
10
9
8
7
6
5
4
3
12
11
10
9
8
7
6
5
4
3
010
20
15
525
30
010
20
15
525
30
–50
0
50
100
150
200
12
11
10
9
8
7
6
5
4
3
–50
0
50
100
150
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com