Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS682LSH Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # ATS682LSH
Description  Miniature, Two-Wire, True Zero Speed Differential Peak-Detecting Sensor IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS682LSH Datasheet(HTML) 5 Page - Allegro MicroSystems

  ATS682LSH Datasheet HTML 1Page - Allegro MicroSystems ATS682LSH Datasheet HTML 2Page - Allegro MicroSystems ATS682LSH Datasheet HTML 3Page - Allegro MicroSystems ATS682LSH Datasheet HTML 4Page - Allegro MicroSystems ATS682LSH Datasheet HTML 5Page - Allegro MicroSystems ATS682LSH Datasheet HTML 6Page - Allegro MicroSystems ATS682LSH Datasheet HTML 7Page - Allegro MicroSystems ATS682LSH Datasheet HTML 8Page - Allegro MicroSystems ATS682LSH Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Thermal Characteristics may require derating at maximum conditions, see Power Derating section
Characteristic
Symbol
Test Conditions*
Value
Unit
Package Thermal Resistance
RθJA
Single layer PCB, with copper limited to solder pads
126
ºC/W
Single layer PCB, with copper limited to solder pads and 3.57 in.2 (23.03
cm2) copper area each side
84
ºC/W
*Additional thermal information available on the Allegro website
Power Derating Curve
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
20
40
60
80
100
120
140
160
180
Temperature (°C)
V CC(max)
V CC(min)
(RθJA= 84 °C/W)
(RθJA= 126 °C/W)
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
20
40
60
80
100
120
140
160
180
Temperature (°C)
Power Dissipation versus Ambient Temperature
R JA = 126 ºC/W
R JA = 84 ºC/W
Miniature, Two-Wire, True Zero Speed
Differential Peak-Detecting Sensor IC
ATS682LSH
5
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com