Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS682LSH Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # ATS682LSH
Description  Miniature, Two-Wire, True Zero Speed Differential Peak-Detecting Sensor IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS682LSH Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button ATS682LSH Datasheet HTML 7Page - Allegro MicroSystems ATS682LSH Datasheet HTML 8Page - Allegro MicroSystems ATS682LSH Datasheet HTML 9Page - Allegro MicroSystems ATS682LSH Datasheet HTML 10Page - Allegro MicroSystems ATS682LSH Datasheet HTML 11Page - Allegro MicroSystems ATS682LSH Datasheet HTML 12Page - Allegro MicroSystems ATS682LSH Datasheet HTML 13Page - Allegro MicroSystems ATS682LSH Datasheet HTML 14Page - Allegro MicroSystems ATS682LSH Datasheet HTML 15Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Miniature, Two-Wire, True Zero Speed
Differential Peak-Detecting Sensor IC
ATS682LSH
11
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Power Supply Protection
The device contains an on-chip regulator and can operate over a
wide VCC range. For devices that need to operate from an unregu-
lated power supply, transient protection must be added externally.
For applications using a regulated line, EMI/RFI protection may
still be required. Contact Allegro for information on the circuitry
needed for compliance with various EMC specifications. Refer to
figure 7 for an example of a basic application circuit.
Undervoltage Lockout
When the supply voltage falls below the undervoltage lockout
threshold, VCC(UV), the device enters Reset mode, where the
output state returns to the Power-On State (POS) until sufficient
VCC is supplied. ICC levels may not meet datasheet limits when
VCC < VCC(min).
Assembly Description
This device is molded into a plastic body that has been optimized
for size, ease of assembly, and manufacturability. High operat-
ing temperature materials are used in all aspects of construction.
Refer to the Allegro website, www.allegromicro.com, for more
specific applications notes on finished package processing.
Diagnostics
The regulated current output is configured for two-wire applica-
tions, requiring one less wire for operation than do switches with
the traditional open-collector output. Additionally, the system
designer inherently gains diagnostics because there is always
output current flowing, which should be in either of two nar-
row ranges, shown in figure 8 as ICC(HIGH) and ICC(LOW). Any
current level not within these ranges indicates a fault condition.
If ICC > ICC(HIGH)(max), then a short condition exists, and if ICC
< ICC(LOW)(min), then an open condition exists. Any value of ICC
between the allowed ranges for ICC(HIGH) and ICC(LOW) indicates
a general fault condition.
ATS682
VCC
GND
V+
0.01
1
4
μF
ECU
Test pin floating
R
100
SE
C
LOAD
NSE
CBYP
ICC(HIGH)(max)
ICC(HIGH)(min)
ICC(LOW)(max)
ICC(LOW)(min)
Range for Valid ICC(HIGH)
Range for Valid ICC(LOW)
0
+mA
Short
Fault
Open
Figure 7. Typical application circuit
Figure 8. Diagnostic characteristics of supply current values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com