Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS682LSH Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # ATS682LSH
Description  Miniature, Two-Wire, True Zero Speed Differential Peak-Detecting Sensor IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS682LSH Datasheet(HTML) 3 Page - Allegro MicroSystems

  ATS682LSH Datasheet HTML 1Page - Allegro MicroSystems ATS682LSH Datasheet HTML 2Page - Allegro MicroSystems ATS682LSH Datasheet HTML 3Page - Allegro MicroSystems ATS682LSH Datasheet HTML 4Page - Allegro MicroSystems ATS682LSH Datasheet HTML 5Page - Allegro MicroSystems ATS682LSH Datasheet HTML 6Page - Allegro MicroSystems ATS682LSH Datasheet HTML 7Page - Allegro MicroSystems ATS682LSH Datasheet HTML 8Page - Allegro MicroSystems ATS682LSH Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
OPERATING CHARACTERISTICS Valid at VCC and TA within specification; unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.1
Max.
Unit2
Electrical Characteristics
Supply Voltage3
VCC
Operating, TJ<TJ(max)
4.0
24
V
Undervoltage Lockout
VCCUV
VCC = 0 → 5 V or 5 → 0 V
3.95
V
Supply Zener Clamp Voltage
VZ
ICC = ICC(max) + 3 mA, TA = 25°C
28
V
Supply Zener Current
IZ
TA = 25°C, VS = 28 V
19.8
mA
Supply Current
ICC(LOW)
5.0
7
8.4
mA
ICC(HIGH)
11.8
14
16.8
mA
Supply Current Ratio
ICC(HIGH)/
ICC(LOW)
Measured as ratio of high current to low current
1.9
Reverse Battery Current4
IRCC
VRCC = –18 V
–5
mA
Power-On State Characteristics
Power-On Time5
tPO
VCC > VCC(min), fOP < 100 Hz
1
2
ms
Power-On State6
POS
t > tPO
–ICC(HIGH)
––
Output Stage
Output Slew Rate7,8
dI/dt
RSENSE = 100 Ω, CLOAD = 10 pF, no CBYP
(see figure 7)
14
mA/μs
Performance Characteristics
Operating Frequency9
fOP
0
8000
Hz
Analog Signal Bandwidth
BW
20
40
kHz
Operate Point
BOP
Magnitude (see figure 6)
120
mV
Release Point
BRP
Magnitude (see figure 6)
120
mV
Calibration
Initial Calibration
CALI
Quantity of rising output (current) edges
required for accurate edge detection; edge
accuracy not guaranteed during initial
calibration.
3
edge
Miniature, Two-Wire, True Zero Speed
Differential Peak-Detecting Sensor IC
ATS682LSH
3
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Continued on the next page…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com