Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS682LSHTN-T Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # ATS682LSHTN-T
Description  Miniature, Two-Wire, True Zero Speed Differential Peak-Detecting Sensor IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS682LSHTN-T Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button ATS682LSHTN-T Datasheet HTML 3Page - Allegro MicroSystems ATS682LSHTN-T Datasheet HTML 4Page - Allegro MicroSystems ATS682LSHTN-T Datasheet HTML 5Page - Allegro MicroSystems ATS682LSHTN-T Datasheet HTML 6Page - Allegro MicroSystems ATS682LSHTN-T Datasheet HTML 7Page - Allegro MicroSystems ATS682LSHTN-T Datasheet HTML 8Page - Allegro MicroSystems ATS682LSHTN-T Datasheet HTML 9Page - Allegro MicroSystems ATS682LSHTN-T Datasheet HTML 10Page - Allegro MicroSystems ATS682LSHTN-T Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Miniature, Two-Wire, True Zero Speed
Differential Peak-Detecting Sensor IC
ATS682LSH
7
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Characteristic Performance
Supply Current (Low) versus Supply Voltage
5.0
5.5
6.0
6.5
7.0
7.5
8.0
0
5
10
15
20
25
VCC (V)
-40°C
25°C
150°C
Supply Current (Low) versus Ambient Temperature
5.0
5.5
6.0
6.5
7.0
7.5
8.0
-50
0
50
100
150
TA (°C)
Vcc: 4V
Vcc: 12V
Vcc: 24V
Suppply Current (High) versus Supply Voltage
11.8
12.3
12.8
13.3
13.8
14.3
14.8
15.3
15.8
16.3
16.8
0
5
10
15
20
25
VCC (V)
Supply Current (High) versus Ambient Temperature
11.8
12.3
12.8
13.3
13.8
14.3
14.8
15.3
15.8
16.3
16.8
-50
0
50
100
150
TA (°C)
Vcc: 24V
Vcc: 12V
Vcc: 4V
Supply Current Ratio versus Ambient Temperature
1.90
2.00
2.10
2.20
2.30
2.40
2.50
-50
0
50
100
150
TA (°C)
Vcc: 4V
Vcc: 18V
-40°C
25°C
150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com