Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS682LSHTN-T Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # ATS682LSHTN-T
Description  Miniature, Two-Wire, True Zero Speed Differential Peak-Detecting Sensor IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS682LSHTN-T Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button ATS682LSHTN-T Datasheet HTML 8Page - Allegro MicroSystems ATS682LSHTN-T Datasheet HTML 9Page - Allegro MicroSystems ATS682LSHTN-T Datasheet HTML 10Page - Allegro MicroSystems ATS682LSHTN-T Datasheet HTML 11Page - Allegro MicroSystems ATS682LSHTN-T Datasheet HTML 12Page - Allegro MicroSystems ATS682LSHTN-T Datasheet HTML 13Page - Allegro MicroSystems ATS682LSHTN-T Datasheet HTML 14Page - Allegro MicroSystems ATS682LSHTN-T Datasheet HTML 15Page - Allegro MicroSystems ATS682LSHTN-T Datasheet HTML 16Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Miniature, Two-Wire, True Zero Speed
Differential Peak-Detecting Sensor IC
ATS682LSH
13
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Characteristic Allowable Signal Amplitude Variation
The colored area in figure 10 shows BSOA, the safe operating
area of allowable magnetic signal amplitude within which the IC
will continue output switching. The output duty cycle is wholly
dependent on the magnetic signature of the target across the air
gap range of movement, and may not always be within specifi-
cation throughout the entire operating region (to BDIFF(max)).
Signal amplitude changes may be due to deflection (relative air
gap change between Hall element and target), target eccentricity,
magnet temperature coefficient or a combination thereof.
The axis parameters for the chart in figure 10 are defined in fig-
ure 11. As an example, assume the case where the signal changes
from the nominal at the installed air gap (BCAL) within the range
defined by an increase factor of BDIFF(max) / BCAL = 3.0, and a
decrease of BDIFF(lim) / BCAL = 0.75. This case is plotted with an
“x” in figure 10.
Figure 10. Allowable Signal Amplitude Change chart
BDIFF(max) / BCAL
1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
23456789
Guard-banded
Nominal
Safe Operating
Area
x
BCAL
BDIFF(max)
BDIFF(lim)
Figure 11. Illustration of BCAL, BDIFF(max) and BDIFF(lim) for amplitude
variation discussion. BCAL is the magnetic amplitude at the IC during its
calibration cycle BDIFF(max) and BDIFF(lim) are the maximum and minimum
magnetic amplitudes during IC operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com