Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS682LSHTN-T Datasheet(PDF) 12 Page - Allegro MicroSystems

Part # ATS682LSHTN-T
Description  Miniature, Two-Wire, True Zero Speed Differential Peak-Detecting Sensor IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS682LSHTN-T Datasheet(HTML) 12 Page - Allegro MicroSystems

Back Button ATS682LSHTN-T Datasheet HTML 8Page - Allegro MicroSystems ATS682LSHTN-T Datasheet HTML 9Page - Allegro MicroSystems ATS682LSHTN-T Datasheet HTML 10Page - Allegro MicroSystems ATS682LSHTN-T Datasheet HTML 11Page - Allegro MicroSystems ATS682LSHTN-T Datasheet HTML 12Page - Allegro MicroSystems ATS682LSHTN-T Datasheet HTML 13Page - Allegro MicroSystems ATS682LSHTN-T Datasheet HTML 14Page - Allegro MicroSystems ATS682LSHTN-T Datasheet HTML 15Page - Allegro MicroSystems ATS682LSHTN-T Datasheet HTML 16Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Miniature, Two-Wire, True Zero Speed
Differential Peak-Detecting Sensor IC
ATS682LSH
12
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Device Operation
Power-On
When power (VCC > VCC(min)) is applied to the
device, a short period of time is required to activate the various
portions of the IC. During this period, the ATS682 powers-on in
the high current state, ICC(HIGH). After power-on, there are condi-
tions that could induce a change in the output state. Such an event
could be caused by thermal transients, but it would also require a
static applied magnetic field, proper signal polarity, and particular
direction and magnitude of internal signal drift.
Initial Offset Adjust
The IC initially compensates for differ-
ential offset, ΔBAPP, that results from chip, magnet, and instal-
lation alignment. Once the effective differential magnetic offset
has been cancelled, the digital tracking DAC is ready to track the
signal and provide output switching.
The period of time required for both power-on and initial offset
adjust is defined as the Power-On Time specification.
Calibration Mode
The calibration mode allows the IC to auto-
matically select the proper signal gain and continue to adjust for
DC differential magnetic offset. The AGC is active, and selects
the optimal signal gain based on the amplitude of the VPROC
signal. Following each adjustment to the AGC DAC, the Offset
DAC is also adjusted to ensure the internal analog signal is prop-
erly centered. During this mode, the tracking DAC is active and
output switching occurs, but the duty cycle is not guaranteed to
be within specification.
Running Mode
After the initial calibration process (CALI
edges) establishes a signal gain, the device moves to Running
mode. During Running mode, the IC tracks the input signal and
continues to give an output edge for every peak of the signal.
AOA remains active to compensate for any offset drift over time.
The ATS682 also incorporates an algorithm for adjusting the
signal gain during Running mode. This algorithm is designed to
optimize the VPROC signal amplitude in instances where the mag-
netic signal during the calibration period is not representative of
the amplitude of the magnetic signal for the installed application
air gap (see figure 9).
IC Electrical
Output, I
OUT
Internal Differential
Signal, V
PROC
BRP
BOP
BOP
BRP
1
2
3
4
5
Figure 9: Operation of Running Mode Gain Adjust.
Position 1. The device is initially powered-on. Self-calibration occurs.
Position 2. Small amplitude oscillation of the target sends an erroneously small differential signal to the device. The amplitude of VPROC is greater than
the switching hysteresis (BOP and BRP), and the device output switches.
Position 3. The calibration period completes on the third rising output edge, and the device enters Running mode.
Position 4. True target rotation occurs and the correct magnetic signal is generated for the installation air gap. The established signal gain is too large for
the rotational magnetic signal of the target, at the given air gap.
Position 5. Running mode calibration corrects the signal gain to an optimal level for the installation air gap.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com