Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUT33 Datasheet(PDF) 4 Page - Motorola, Inc

Part # BUT33
Description  56 AMPERES NPN SILICON POWER DARLINGTON TRANSISTOR 600 VOLTS 250 WATTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BUT33 Datasheet(HTML) 4 Page - Motorola, Inc

  BUT33 Datasheet HTML 1Page - Motorola, Inc BUT33 Datasheet HTML 2Page - Motorola, Inc BUT33 Datasheet HTML 3Page - Motorola, Inc BUT33 Datasheet HTML 4Page - Motorola, Inc BUT33 Datasheet HTML 5Page - Motorola, Inc BUT33 Datasheet HTML 6Page - Motorola, Inc BUT33 Datasheet HTML 7Page - Motorola, Inc BUT33 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BUT33
4
Motorola Bipolar Power Transistor Device Data
Table 1. Test Conditions for Dynamic Performance
VCEO(sus)
RBSOA AND INDUCTIVE SWITCHING
TEST CIRCUIT
for
FREE–WHEEL
DIODE
PW Varied to Attain
IC = 100 mA
Lcoil = 10 mH, VCC = 10 V
Rcoil = 0.7 Ω
Vclamp = VCEO(sus)
Lcoil = 180 µH
Rcoil = 0.05 Ω
VCC = 10 V
INDUCTIVE TEST CIRCUIT
t1 Adjusted to
Obtain IC
t1 [
Lcoil (ICM)
VCC
t2 [
Lcoil (ICM)
Vclamp
Test Equipment
Scope — Tektronix
475 or Equivalent
OUTPUT WAVEFORMS
1
INPUT
2
Rcoil
Lcoil
VCC
Vclamp
RS =
0.1
Ω
1N4937
OR
EQUIVALENT
TUT
SEE ABOVE FOR
DETAILED CONDITIONS
20
Ω
1
5 V
0
2
220
100
680 pF
100
PULSES
δ = 3%
33
2 W
33
2 W
160
D1
22
µF
D3
22
680 pF
MM3735
1N4934
D1 D2 D3 D4
2N3763
160
680 pF
22
D4
22
µF
D3
2N6438
+10 V
MR854
1
µF
2N6339
MR854
Ib1 ADJUST
dTb ADJUST
DRIVER
+
–
VD
ID
VD
ID
510
AV
up to
50 V
CRONETICS
PG130
up to
50 V
5
µs
dT
Ib2 ADJUST
VCC
ICM
VCEM
IC
VCE
t1
tf
t
tf Clamped
t2
TIME
Vclamp
t
1%
Ib2/Ib1
10
βf, FORCED GAIN
8
6
5
4
3
2
1
15
1
Figure 6. Fall Time versus IB2/IB1
Ib2/Ib1
0.1
2
3
4
5
6
7
8
9
10
5
2
1
Figure 7. Turn–Off Time versus IC
5
1
IC, COLLECTOR CURRENT (AMPS)
0.1
2
3
5
7
10
4
3
2
1
10
3
IC = 50 A
0.5
0.3
0.2
TC = 25°C
IC/IB = 5
20
30
50
Figure 8. Storage Time versus Forced Gain
Figure 9. Storage Time versus Ib2/Ib1
40
°C
IC = 25 A
1
2
3
4
5
6
7
8
9
10
1
2
3
4
5
6
7
8
9
10
IC = 25 A
IC = 50 A
TC = 25°C
VBE(off) = 5 V
0.5
0.3
0.2
IC/IB = 10
10 V
TC = 25°C
IC/IB = 20
tF
IC = 20 A
VBE(off) = 5 V
σ tF = 200 ns
σ tS = 400 ns
tS
10 V
IC = 25 A
IC = 50 A
10
8
6
5
4
3
2
1
TC = 25°C
IC/IB = 5
VBE(off) = 5 V
IC = 10 A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com