Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUT33 Datasheet(PDF) 1 Page - Motorola, Inc

Part # BUT33
Description  56 AMPERES NPN SILICON POWER DARLINGTON TRANSISTOR 600 VOLTS 250 WATTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BUT33 Datasheet(HTML) 1 Page - Motorola, Inc

  BUT33 Datasheet HTML 1Page - Motorola, Inc BUT33 Datasheet HTML 2Page - Motorola, Inc BUT33 Datasheet HTML 3Page - Motorola, Inc BUT33 Datasheet HTML 4Page - Motorola, Inc BUT33 Datasheet HTML 5Page - Motorola, Inc BUT33 Datasheet HTML 6Page - Motorola, Inc BUT33 Datasheet HTML 7Page - Motorola, Inc BUT33 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Motorola Bipolar Power Transistor Device Data
Designer's™ Data Sheet
SWITCHMODE Series
NPN Silicon Power Darlington
Transistors with Base-Emitter
Speedup Diode
The BUT33 Darlington transistor is designed for high–voltage, high–speed, power
switching in inductive circuits where fall time is critical. They are particularly suited for
line operated SWITCHMODE applications such as:
• AC and DC Motor Controls
• Switching Regulators
• Inverters
• Solenoid and Relay Drivers
• Fast Turn Off Times
800 ns Inductive Fall Time at 25
_C (Typ)
2.0
µs Inductive Storage Time at 25_C (Typ)
• Operating Temperature Range –65 to 200_C
MAXIMUM RATINGS
Rating
Symbol
BUT33
Unit
Collector–Emitter Voltage
VCEO(sus)
400
Vdc
Collector–Emitter Voltage
VCEV
600
Vdc
Emitter Base Voltage
VEB
10
Vdc
Collector Current — Continuous
Collector Current — Peak (1)
IC
ICM
56
75
Adc
Base Current — Continuous
Base Current — Peak (1)
IB
IBM
12
15
Adc
Free Wheel Diode Forward Current — Continuous
Free Wheel Diode Forward Current — Peak
IF
IFM
56
75
Adc
Total Power Dissipation @ TC = 25_C
@ TC = 100_C
Derate above 25
_C
PD
250
140
Watts
W/
_C
Operating and Storage Junction Temperature Range
TJ, Tstg
– 65 to + 200
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
0.7
_C/W
Maximum Lead Temperature for Soldering Purpose
1/8
″ from Case for 5 Seconds
TL
275
_C
(1) Pulse Test: Pulse Width
= 5 ms, Duty Cycle x10%.
Designer’s and SWITCHMODE are trademarks of Motorola, Inc.
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by BUT33/D
© Motorola, Inc. 1995
BUT33
56 AMPERES
NPN SILICON
POWER DARLINGTON
TRANSISTOR
600 VOLTS
250 WATTS
CASE 197A–05
TO–204AE
(TO–3)
≈ 100
≈ 16
REV 7


Similar Part No. - BUT33

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BUT33 ONSEMI-BUT33 Datasheet
284Kb / 8P
56 AMPERES NPN SILICON POWER DARLINGTON TRANSISTOR 600 VOLTS 250 WATTS
1995 REV 7
More results

Similar Description - BUT33

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BU323AP MOTOROLA-BU323AP Datasheet
218Kb / 6P
DARLINGTON NPN SILICON POWER TRANSISTOR 400 VOLTS 125 WATTS
BU522B MOTOROLA-BU522B Datasheet
105Kb / 4P
7 AMPERES DARLINGTON POWER TRANSISTORS NPN SILICON 450 VOLTS 75 WATTS
BUT34 MOTOROLA-BUT34 Datasheet
287Kb / 8P
50 AMPERES NPN SILICON POWER DARLINGTON TRANSISTOR 850 VOLTS 250 WATTS
BUV20 MOTOROLA-BUV20 Datasheet
142Kb / 4P
50 AMPERES NPN SILICON POWER METAL TRANSISTOR 125 VOLTS 250 WATTS
BUV21 MOTOROLA-BUV21 Datasheet
139Kb / 4P
40 AMPERES NPN SILICON POWER METAL TRANSISTOR 200 VOLTS 250 WATTS
BUV22 MOTOROLA-BUV22 Datasheet
137Kb / 4P
40 AMPERES NPN SILICON POWER METAL TRANSISTOR 250 VOLTS 250 WATTS
BUV23 MOTOROLA-BUV23 Datasheet
139Kb / 4P
30 AMPERES NPN SILICON POWER METAL TRANSISTOR 325 VOLTS 250 WATTS
MJD44E3 MOTOROLA-MJD44E3 Datasheet
80Kb / 4P
NPN DARLINGTON SILICON POWER TRANSISTOR 10 AMPERES 80 VOLTS 20 WATTS
logo
ON Semiconductor
BU323AP ONSEMI-BU323AP Datasheet
201Kb / 6P
DARLINGTON NPN SILICON POWER TRANSISTOR 400 VOLTS 125 WATTS
1996 REV 8
BUT33 ONSEMI-BUT33 Datasheet
284Kb / 8P
56 AMPERES NPN SILICON POWER DARLINGTON TRANSISTOR 600 VOLTS 250 WATTS
1995 REV 7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com