Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUT33 Datasheet(PDF) 2 Page - Motorola, Inc

Part # BUT33
Description  56 AMPERES NPN SILICON POWER DARLINGTON TRANSISTOR 600 VOLTS 250 WATTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BUT33 Datasheet(HTML) 2 Page - Motorola, Inc

  BUT33 Datasheet HTML 1Page - Motorola, Inc BUT33 Datasheet HTML 2Page - Motorola, Inc BUT33 Datasheet HTML 3Page - Motorola, Inc BUT33 Datasheet HTML 4Page - Motorola, Inc BUT33 Datasheet HTML 5Page - Motorola, Inc BUT33 Datasheet HTML 6Page - Motorola, Inc BUT33 Datasheet HTML 7Page - Motorola, Inc BUT33 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BUT33
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage (Table 1)
(IC = 100 mA, IB = 0)
VCEO(sus)
400
Vdc
Collector Cutoff Current
(VCEV = Rated Value, VBE(off) = 1.5 Vdc)
(VCEV = Rated Value, VBE(off) = 1.5 Vdc, TC = 100_C)
ICEV
0.2
4.0
mAdc
Emitter Cutoff Current
(VEB = 20 V, IC = 0)
IEBO
350
mAdc
SECOND BREAKDOWN
Second Breakdown Collector Current with base forward biased
IS/b
See Figure 16
Clamped Inductive SOA with Base Reverse Biased
RBSOA
See Figure 17
ON CHARACTERISTICS (1)
DC Current Gain
(IC = 20 A, VCE = 5 V)
(IC = 36 A, VCE = 5 V)
hFE
30
20
Collector–Emitter Saturation Voltage
(IC = 20 A, IB = 1 A)
(IC = 36 A, IB = 3.6 A)
(IC = 44 A, IB = 4.4 A)
(IC = 56 A, IB = 11.2 A)
VCE(sat)
2.0
2.5
3.0
5.0
Vdc
Base–Emitter Saturation Voltage
(IC = 20 A, IB = 1 A)
(IC = 36 A, IB = 3.6 A)
(IC = 44 A, IB = 4.4 A)
VBE(sat)
2.5
2.9
3.3
Vdc
Diode Forward Voltage
(IF = 44 A)
Vf
4.0
Vdc
SWITCHING CHARACTERISTICS
Inductive Load Clamped (Table 1)
Storage Time
TC = 25_C
IC = 36 A
ts
2.0
3.3
µs
Fall Time
IB = 3.6 A
tf
0.8
1.6
µs
Storage Time
See Table 1
TC = 100_C
VBE(off) = 5 V
ts
2.2
µs
Fall Time
See Table 1
TC = 100_C
VBE(off) = 5 V
tf
0.8
µs
(1) Pulse Test: PW = 300
µs, Duty Cycle x 2%.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com