Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4LC4M16DG-5S/XT Datasheet(PDF) 9 Page - Austin Semiconductor

Part # AS4LC4M16DG-5S/XT
Description  4 MEG x 16 DRAM Extended Data Out (EDO) DRAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4LC4M16DG-5S/XT Datasheet(HTML) 9 Page - Austin Semiconductor

Back Button AS4LC4M16DG-5S/XT Datasheet HTML 5Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 6Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 7Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 8Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 9Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 10Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 11Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 12Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 13Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
DRAM
DRAM
DRAM
DRAM
DRAM
AS4LC4M16
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
9
AS4LC4M16
Rev. 1.1 6/05
Austin Semiconductor, Inc.
CAPACITANCE2
PARAMETER
SYM
MAX
UNIT
Input Capacitance: Address Pins
CI1
5pF
Input Capacitance: RAS\, CAS\, WE\, OE\
CI2
7pF
Input/Output Capacitance: DQ
CI0
7pF
AC ELECTRICAL CHARACTERISTICS5,6,7,8,9,10,11,12
(V
CC = +3.3V ±0.3V)
SYMBOL
MIN
MAX
MIN
MAX
UNITS
NOTES
Access time from column address
tAA
25
30
ns
Column-address setup to CAS\ precharge
tACH
12
15
ns
Column-address hold time (referenced to RAS\)
tAR
38
45
ns
Column-address setup time
tASC
00
ns
28
Row-address setup time
tASR
00
ns
28
Column address to WE\ delay time
tAWD
42
49
ns
18
Access time from CAS\
tCAC
13
15
ns
29
Column-address hold time
tCAH
810
ns
28
CAS\ pulse width
tCAS
8
10,000
10
10,000
ns
30, 32
CAS\ LOW to "Don't Care" during Self Refresh
tCHD
15
15
ns
CAS\ hold time (CBR Refresh)
tCHR
810
ns
4, 31
Last CAS\ going LOW to first CAS\ to return HIGH
tCLCH
55
ns
31
CAS\ to output in Low-Z
tCLZ
00
ns
29
Data output hold after CAS\ LOW
tCOH
33
ns
CAS\ precharge time
tCP
8
10
ns
13, 33
Access time from CAS\ precharge
tCPA
28
35
ns
29
CAS\ to RAS\ precharge time
tCRP
55
ns
31
CAS\ hold time
tCSH
38
45
ns
31
CAS\ setup time (CBR Refresh)
tCSR
5
5
ns
4, 28
CAS\ to WE\ delay time
tCWD
28
35
ns
18, 28
WRITE command to CAS\ lead time
tCWL
810
ns
31
Data-in hold time
tDH
8
10
ns
19, 29
Data-in setup time
tDS
0
0
ns
19, 29
Output disable
tOD
0
12
0
15
ns
24, 25
Output enable time
tOE
12
15
ns
20
OE\ hold time from WE\ during
READ-MODIFY-WRITE cycle
tOEH
810
ns
25
OE\ HIGH hold time from CAS\ HIGH
tOEHC
510
ns
OE\ HIGH pulse width
tOEP
55
ns
OE\ LOW to CAS\ HIGH setup time.
tOES
45
ns
Output buffer turn-off delay
tOFF
0
12
0
15
ns
17, 24, 29
OE\ setup prior to RAS\ during HIDDEN REFRESH cycle
tORD
00
ns
DESCRIPTION
-6
-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com