Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4LC4M16DG-5S/XT Datasheet(PDF) 3 Page - Austin Semiconductor

Part # AS4LC4M16DG-5S/XT
Description  4 MEG x 16 DRAM Extended Data Out (EDO) DRAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4LC4M16DG-5S/XT Datasheet(HTML) 3 Page - Austin Semiconductor

  AS4LC4M16DG-5S/XT Datasheet HTML 1Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 2Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 3Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 4Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 5Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 6Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 7Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 8Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
DRAM
DRAM
DRAM
DRAM
DRAM
AS4LC4M16
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
3
AS4LC4M16
Rev. 1.1 6/05
Austin Semiconductor, Inc.
GENERAL DESCRIPTION
The 4 Meg x 16 DRAM is a high-speed CMOS, dynamic
random-access memory device containing 67,108,864 bits and
designed to operate from 3V to 3.6V. The device is functionally
organized as 4,194,304 locations containing 16 bits each. The
4,194,304 memory locations are arranged in 4,096 rows by 1,024
columns. During READ or WRITE cycles, each location is
uniquely addresses via the address bits: 12 row-address bits
(A0 - A11) and 10 column-address bits (A0 - A9). In addition,
both byte and word accesses are supported via the two CAS\
pins (CASL\ and CASH\).
The CAS\ functionality and timing related to address and
control functions (e.g., latching column addresses or selecting
CBR REFRESH) is such that the internal CAS\ signal is
determined by the first external CAS\ signal (CASL\ or CASH\)
to transition LOW and the last to transition back HIGH. The
CAS\ functionality and timing related to driving or latching data
is such that each CAS\ signal independently controls the
associated either DQ pins.
The row address is latched by the RAS\ signal, then the
column address is latched by CAS\. This device provides
EDO-PAGE-MODE operation, allowing for fast successive data
operations (READ, WRITE or READ-MODIFY-WRITE) within
a given row.
The 4 Meg x 16 DRAM must be refreshed periodically in
order to retain stored data.
DRAM ACCESS
Each location in the DRAM is uniquely addressable, as
mentioned in the General Description. Use of both CAS\
signals resulted in a word access via the 16 I/O pins
(DQ0 - DQ15). Using only one of the two signals results in a
BYTE access cycle. CASL\ transitioning LOW selects an
access cycle for the lower byte (DQ0 - DQ7), and CASH\
transitioning LOW selects an access cycle for the upper byte
(DQ8-DQ15). General byte and word access timing is shown in
Figures 1 and 2.
FIGURE 1: WORD and BYTE WRITE Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com