Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4LC4M16DG-5S/XT Datasheet(PDF) 4 Page - Austin Semiconductor

Part # AS4LC4M16DG-5S/XT
Description  4 MEG x 16 DRAM Extended Data Out (EDO) DRAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4LC4M16DG-5S/XT Datasheet(HTML) 4 Page - Austin Semiconductor

  AS4LC4M16DG-5S/XT Datasheet HTML 1Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 2Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 3Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 4Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 5Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 6Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 7Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 8Page - Austin Semiconductor AS4LC4M16DG-5S/XT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
DRAM
DRAM
DRAM
DRAM
DRAM
AS4LC4M16
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
4
AS4LC4M16
Rev. 1.1 6/05
Austin Semiconductor, Inc.
DRAM ACCESS (continued)
A logic HIGH on WE\ dictates read mode, while a logic
LOW on WE\ dictates write mode. During a WRITE cycle,
data-in (D) is latched by the falling edge of WE or CAS\ (CASL\
or CASH\), whichever occurs last. An EARLY WRITE occurs
when WE is taken LOW prior to either CAS\ falling. A LATE
WRITE or READ-MODIFY-WRITE occurs when WE falls after
CAS\ (CASL\ or CASH\) is taken LOW. During EARLYWRITE
cycles, the data outputs (Q) will remain High-Z, regardless of
the state of OE\. During LATE WRITE or READ-MODIFY-
WRITE cycles, OE\ must be taken HIGH to disable the data
outputs prior to applying input data. If a LATE WRITE or
READ-MODIFY-WRITE is attempted while keeping OE\ LOW,
no write will occur, and the data outputs will drive read data
from the accessed location.
Additionally, both bytes are active. A CAS\ precharge
must be satisfied prior to changing modes of operation be-
tween the upper and lower bytes. For example, an EARLY
WRITE on one byte and a LATE WRITE on the other byte are
not allowed during the same cycle. However, an EARLY WRITE
on one byte and a LATE WRITE on the other byte, after a CAS\
precharge has been satisfied, are permissible.
EDO PAGE MODE
DRAM READ cycles have traditionally turned the output
buffers off (High-Z) with the rising edge of CAS\. If CAS\ went
HIGH and OE\ was LOW (active), the output buffers would be
disabled. The 64MB EDO DRAM offers an accelerated page
mode cycle by eliminating output disable from CAS\ HIGH.
This option is called EDO, and it allows CAS\ precharge time
(t
CP
) to occur without the output data going invalid (see READ
and EDO-PAGE-MODE READ waveforms).
EDO operates like any DRAM READ or FAST-PAGE-
MODE READ, except data is held valid after CAS\ goes HIGH,
as long as RAS\ and OE\ are held LOW and WE\ is held HIGH.
OE\ can be brought LOW or HIGH while CAS\ and RAS\ are
LOW, and the DQs will transition between valid data and High-
Z. Using OE\, there are two methods to disable the outputs and
FIGURE 2: WORD and BYTE READ Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com