Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5C512K8DJ-25L/XT Datasheet(PDF) 10 Page - Austin Semiconductor

Part # AS5C512K8DJ-25L/XT
Description  512K x 8 SRAM HIGH SPEED SRAM with REVOLUTIONARY PINOUT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5C512K8DJ-25L/XT Datasheet(HTML) 10 Page - Austin Semiconductor

Back Button AS5C512K8DJ-25L/XT Datasheet HTML 6Page - Austin Semiconductor AS5C512K8DJ-25L/XT Datasheet HTML 7Page - Austin Semiconductor AS5C512K8DJ-25L/XT Datasheet HTML 8Page - Austin Semiconductor AS5C512K8DJ-25L/XT Datasheet HTML 9Page - Austin Semiconductor AS5C512K8DJ-25L/XT Datasheet HTML 10Page - Austin Semiconductor AS5C512K8DJ-25L/XT Datasheet HTML 11Page - Austin Semiconductor AS5C512K8DJ-25L/XT Datasheet HTML 12Page - Austin Semiconductor AS5C512K8DJ-25L/XT Datasheet HTML 13Page - Austin Semiconductor AS5C512K8DJ-25L/XT Datasheet HTML 14Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS5C512K8
AS5C512K8
Rev. 7.0 05/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
10
Austin Semiconductor, Inc.
MECHANICAL DEFINITIONS*
ASI Case #307 (Package Designator F)
SMD 5962-95600, Case Outline T
Bottom View
36
1
c
E2
A
Q
MIN
MAX
A
0.096
0.125
b
0.015
0.022
c
0.003
0.009
D
0.910
0.930
D1
0.840
0.860
E
0.505
0.515
E2
0.385
0.397
e
L
0.250
0.370
Q
0.020
0.045
SYMBOL
0.050 BSC
SMD SPECIFICATIONS
*All measurements are in inches.
D
e
b
Top View
D1
S
E
L
12345678
12345678
12345678
12345678
12345678
12345678
12345678
12345678
Pin 1 identifier area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com