Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5C512K8DJ-25L/XT Datasheet(PDF) 3 Page - Austin Semiconductor

Part # AS5C512K8DJ-25L/XT
Description  512K x 8 SRAM HIGH SPEED SRAM with REVOLUTIONARY PINOUT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5C512K8DJ-25L/XT Datasheet(HTML) 3 Page - Austin Semiconductor

  AS5C512K8DJ-25L/XT Datasheet HTML 1Page - Austin Semiconductor AS5C512K8DJ-25L/XT Datasheet HTML 2Page - Austin Semiconductor AS5C512K8DJ-25L/XT Datasheet HTML 3Page - Austin Semiconductor AS5C512K8DJ-25L/XT Datasheet HTML 4Page - Austin Semiconductor AS5C512K8DJ-25L/XT Datasheet HTML 5Page - Austin Semiconductor AS5C512K8DJ-25L/XT Datasheet HTML 6Page - Austin Semiconductor AS5C512K8DJ-25L/XT Datasheet HTML 7Page - Austin Semiconductor AS5C512K8DJ-25L/XT Datasheet HTML 8Page - Austin Semiconductor AS5C512K8DJ-25L/XT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS5C512K8
AS5C512K8
Rev. 7.0 05/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
3
Austin Semiconductor, Inc.
ABSOLUTE MAXIMUM RATINGS*
Voltage on Vcc Supply Relative to Vss
Vcc ..............................................................................-.5V to +7.0V
Storage Temperature (Plastic)......................-65
°C to +150°C
Storage Temperature (Ceramic)...................-55°C to +125°C
Short Circuit Output Current (per I/O)…........................20mA
Voltage on any Pin Relative to Vss.................-.5V to Vcc+1V
Maximum Junction Temperature**..............................+150
°C
Power Dissipation ................................................................1W
*Stresses greater than those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the
operation section of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods
may affect reliability.
** Junction temperature depends upon package type, cycle
time, loading, ambient temperature and airflow, and humidity.
ELECTRICAL CHARACTERISTICS AND RECOMMENDED DC OPERATING CONDITIONS
(-55oC < T
A
< +125oC & -40oC < T
A
< +85oC ; Vcc = 5V +10%)
'(6&5,37,21
6<0        81,76 127(6
,&&63       
P$

/9HUVLRQ2QO\
,&&/3       
P$
,6%763       
P$
/9HUVLRQ2QO\
,6%7/3       
P$
,6%&63       
P$
/9HUVLRQ2QO\
,6%&/3       
P$
0$;
3RZHU6XSSO\
&XUUHQW6WDQGE\
&21',7,216
:(? &(?9,/9FF
0$;
I
0$;
W5&
2XWSXWV2SHQ
&(?! 9,+$OORWKHULQSXWV 9,/
9FF
0$;I

2XWSXWV2SHQ
&(?! 9FF99FF
0$;
9,19VV9RU
9,1!9FF9I

3RZHU6XSSO\
&XUUHQW2SHUDWLQJ







    


 


    




 
   
 !  ! 



μ"
#   
# $ %$&'
 !  ! 



μ"
#  
 ( ) *"

)



#  
 (*"


)


+, 

)



CAPACITANCE
PARAMETER
CONDITIONS
SYMBOL
MAX
UNITS
NOTES
Input Capacitance
CI
12
pF
4
Output Capactiance
Co
14
pF
4
TA = 25
oC, f = 1MHz
VIN = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com