Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5C512K8DJ-25L/XT Datasheet(PDF) 14 Page - Austin Semiconductor

Part # AS5C512K8DJ-25L/XT
Description  512K x 8 SRAM HIGH SPEED SRAM with REVOLUTIONARY PINOUT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5C512K8DJ-25L/XT Datasheet(HTML) 14 Page - Austin Semiconductor

Back Button AS5C512K8DJ-25L/XT Datasheet HTML 9Page - Austin Semiconductor AS5C512K8DJ-25L/XT Datasheet HTML 10Page - Austin Semiconductor AS5C512K8DJ-25L/XT Datasheet HTML 11Page - Austin Semiconductor AS5C512K8DJ-25L/XT Datasheet HTML 12Page - Austin Semiconductor AS5C512K8DJ-25L/XT Datasheet HTML 13Page - Austin Semiconductor AS5C512K8DJ-25L/XT Datasheet HTML 14Page - Austin Semiconductor AS5C512K8DJ-25L/XT Datasheet HTML 15Page - Austin Semiconductor AS5C512K8DJ-25L/XT Datasheet HTML 16Page - Austin Semiconductor AS5C512K8DJ-25L/XT Datasheet HTML 17Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS5C512K8
AS5C512K8
Rev. 7.0 05/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
14
Austin Semiconductor, Inc.
ORDERING INFORMATION
*AVAILABLE PROCESSES
IT = Industrial Temperature Range
-40oC to +85oC
XT = Extended Temperature Range
-55oC to +125oC
883C = Full Military Processing
-55oC to +125oC
**OPTIONS DEFINTIONS
L = 2V Data Retention / Low Power (Consult Factory)
Device Number
Package
Type
Speed
ns
Options**
Process
Device Number
Package
Type
Speed
ns
Options**
Process
AS5C512K8
F
-12
L
/*
AS5C512K8
SOJ [ECJ]
-12
L
/*
AS5C512K8
F
-15
L
/*
AS5C512K8
SOJ [ECJ]
-15
L
/*
AS5C512K8
F
-17
L
/*
AS5C512K8
SOJ [ECJ]
-17
L
/*
AS5C512K8
F
-20
L
/*
AS5C512K8
SOJ [ECJ]
-20
L
/*
AS5C512K8
F
-25
L
/*
AS5C512K8
SOJ [ECJ]
-25
L
/*
AS5C512K8
F
-30
L
/*
AS5C512K8
SOJ [ECJ]
-30
L
/*
AS5C512K8
F
-45
L
/*
AS5C512K8
SOJ [ECJ]
-45
L
/*
Device Number
Package
Type
Speed
ns
Options**
Process
Device Number
Package
Type
Speed
ns
Options**
Process
AS5C512K8
EC
-12
L
/*
AS5C512K8
DJ
+
-12
L
/*
AS5C512K8
EC
-15
L
/*
AS5C512K8
DJ
+
-15
L
/*
AS5C512K8
EC
-17
L
/*
AS5C512K8
DJ
+
-17
L
/*
AS5C512K8
EC
-20
L
/*
AS5C512K8
DJ
+
-20
L
/*
AS5C512K8
EC
-25
L
/*
AS5C512K8
DJ
+
-25
L
/*
AS5C512K8
EC
-30
L
/*
AS5C512K8
DJ
+
-30
L
/*
AS5C512K8
EC
-45
L
/*
AS5C512K8
DJ
+
-45
L
/*
+Lead Free (Pb finish is also available, consult factory)
EXAMPLE: AS5C512K8F-25E/XT
EXAMPLE: AS5C512K8EC-35LE/XT
EXAMPLE: AS5C512K8ECJ-15/IT
EXAMPLE: AS5C512K8DJ-20L/XT
*Consult Factory for ECJ package option, SOJ is new standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com