Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8SLC128K32P-25L/IT Datasheet(PDF) 7 Page - Austin Semiconductor

Part # AS8SLC128K32P-25L/IT
Description  128K x 32 SRAM SRAM MEMORY ARRAY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS8SLC128K32P-25L/IT Datasheet(HTML) 7 Page - Austin Semiconductor

Back Button AS8SLC128K32P-25L/IT Datasheet HTML 2Page - Austin Semiconductor AS8SLC128K32P-25L/IT Datasheet HTML 3Page - Austin Semiconductor AS8SLC128K32P-25L/IT Datasheet HTML 4Page - Austin Semiconductor AS8SLC128K32P-25L/IT Datasheet HTML 5Page - Austin Semiconductor AS8SLC128K32P-25L/IT Datasheet HTML 6Page - Austin Semiconductor AS8SLC128K32P-25L/IT Datasheet HTML 7Page - Austin Semiconductor AS8SLC128K32P-25L/IT Datasheet HTML 8Page - Austin Semiconductor AS8SLC128K32P-25L/IT Datasheet HTML 9Page - Austin Semiconductor AS8SLC128K32P-25L/IT Datasheet HTML 10Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS8SLC128K32
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
7
AS8SLC128K32
Rev. 0.6 06/05
Austin Semiconductor, Inc.
WRITE CYCLE NO. 2
(Write Enable Controlled)
WRITE CYCLE NO. 1
(Chip Select Controlled)
ADDRESS
t
WC
12345678
12345678
12345678
12345678
1234
1234
1234
1234
12345
12345
12345
12345
1234567890123
1234567890123
1234567890123
1234567890123
12345
12345
12345
12345
1234567
1234567
1234567
1234567
123456
123456
123456
123456
123456
1234
1234
1234
123456789012345
123456789012345
123456789012345
1
1
1
1
1
1
DATA VALID
t
AW
t
CW
t
AS
t
AH
t
LZWE
t
WP11
t
HZWE
CS\
WE\
DATA I/O
1234
1234
1234
1234
1234
1234
1234
1234
1234
t
DH
t
DS
ADDRESS
t
WC
123456
123456
123456
123456
DATA VALID
t
AW
t
AS
t
WP21
t
CW
CS\
WE\
DATA I/O
t
DH
t
DS
12345678
12345678
12345678
12345678
12345678
1234567890123
1234567890123
1234567890123
1234567890123
1234567890123
12345
12345
12345
12345
12345
123456
123456
123456
123456
123456
t
AH
NOTES
1. All voltages referenced to V
SS (GND).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com