Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8SLC128K32P-25L/IT Datasheet(PDF) 2 Page - Austin Semiconductor

Part # AS8SLC128K32P-25L/IT
Description  128K x 32 SRAM SRAM MEMORY ARRAY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS8SLC128K32P-25L/IT Datasheet(HTML) 2 Page - Austin Semiconductor

  AS8SLC128K32P-25L/IT Datasheet HTML 1Page - Austin Semiconductor AS8SLC128K32P-25L/IT Datasheet HTML 2Page - Austin Semiconductor AS8SLC128K32P-25L/IT Datasheet HTML 3Page - Austin Semiconductor AS8SLC128K32P-25L/IT Datasheet HTML 4Page - Austin Semiconductor AS8SLC128K32P-25L/IT Datasheet HTML 5Page - Austin Semiconductor AS8SLC128K32P-25L/IT Datasheet HTML 6Page - Austin Semiconductor AS8SLC128K32P-25L/IT Datasheet HTML 7Page - Austin Semiconductor AS8SLC128K32P-25L/IT Datasheet HTML 8Page - Austin Semiconductor AS8SLC128K32P-25L/IT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS8SLC128K32
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
2
AS8SLC128K32
Rev. 0.6 06/05
Austin Semiconductor, Inc.
ABSOLUTE MAXIMUM RATINGS*
Voltage of Vcc Supply Relative to Vss...........-0.5V to +4.6V
Storage Temperature.....................................-65°C to +150°C
Short Circuit Output Current(per I/O)............................20mA
Voltage on Any Pin Relative to Vss............-.5V to Vcc+4.6V
Maximum Junction Temperature**.............................+150°C
*Stresses greater than those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation on the
device at these or any other conditions above those indicated
in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
**Junction temperature depends upon package type, cycle time,
loading, ambient temperature and airflow. See the Application
Information section at the end of this datasheet for more
information.
ELECTRICAL CHARACTERISTICS AND RECOMMENDED DC OPERATING CONDITIONS
(-55oC < T
A < 125
oC and -40oC to +85oC; Vcc = 3.3V ±0.3V)
DESCRIPTION
CONDITIONS
SYMBOL
MIN
MAX
UNITS NOTES
Input High (logic 1) Voltage
VIH
2.2
VCC+0.3
V1
Input Low (logic 1) Voltage
VIL
-0.3
0.8
V
1
Input Leakage CurrentADD,OE
ILI1
-10
10
µA
Input Leakage CurrentWE,CE
ILI2
-10
10
µA
Output Leakage CurrentI/O
Output(s) Disabled
0V<VOUT<VCC
ILO
-10
10
µA
Output High Voltage
IOH=-4.0mA
VOH
2.4
V
1
Output Low Voltage
IOL=8.0mA
VOL
0.5
V
1
0V<VIN<VCC
DESCRIPTION
SYMBOL
-10
-12
-15
-17
-20
UNITS NOTES
280
240
220
180
160
Low Power (L)
240
210
200
180
160
---
---
---
---
---
Low Power (L)
80
60
60
60
60
100
80808080
Low Power (L)
80
60
60
60
60
70
60
60
60
60
Low Power (L)
50
36
36
36
36
CS\<VIL; VCC = MAX
f = MAX = 1/ tRC (MIN)
Outputs Open, OE\ = VIH
MAX
ICC3
ICC1
VIN = VCC - 0.2V, or VSS
+0.2V
VCC=Max; f = 0Hz
CONDITIONS
CS\>VIH; VCC = MAX
f = MAX = 1/ tRC (MIN)
Outputs Open, OE\=VIH
Low Speed
Power Supply
Current: Operating
CS\<VIL; VCC = MAX
f = 1 MHz, OE\ = VIH
Power Supply
Current: Standby
CMOS Standby
High Speed
Power Supply
Current: Operating
mA
mA
2
2, 3,13
ISBT2
ISBT1
mA
3, 13
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com