Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8SLC128K32P-25L/IT Datasheet(PDF) 4 Page - Austin Semiconductor

Part # AS8SLC128K32P-25L/IT
Description  128K x 32 SRAM SRAM MEMORY ARRAY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS8SLC128K32P-25L/IT Datasheet(HTML) 4 Page - Austin Semiconductor

  AS8SLC128K32P-25L/IT Datasheet HTML 1Page - Austin Semiconductor AS8SLC128K32P-25L/IT Datasheet HTML 2Page - Austin Semiconductor AS8SLC128K32P-25L/IT Datasheet HTML 3Page - Austin Semiconductor AS8SLC128K32P-25L/IT Datasheet HTML 4Page - Austin Semiconductor AS8SLC128K32P-25L/IT Datasheet HTML 5Page - Austin Semiconductor AS8SLC128K32P-25L/IT Datasheet HTML 6Page - Austin Semiconductor AS8SLC128K32P-25L/IT Datasheet HTML 7Page - Austin Semiconductor AS8SLC128K32P-25L/IT Datasheet HTML 8Page - Austin Semiconductor AS8SLC128K32P-25L/IT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS8SLC128K32
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
4
AS8SLC128K32
Rev. 0.6 06/05
Austin Semiconductor, Inc.
ELECTRICAL CHARACTERISTICS AND RECOMMENDED AC OPERATING CONDITIONS
(NOTE 5) (-55oC<T
A < 125
oC and -40oC to +85oC; V
CC = 3.3V ±0.3V)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
READ CYCLE
READ cycle time
tRC
10
12
15
17
20
ns
Address access time
tAA
10
12
15
17
20
ns
Chip select access time
tACS
10
12
15
17
20
ns
Output hold from address change
tOH
12222
ns
Chip select to output in Low-Z
tLZCS
12222
ns
4,6,7
Chip select to output in High-Z
tHZCS
5.5
6
7
7.5
8
ns
4,6,7
Output enable access time
tAOE
0
5.5
0607
7.5
0
8
ns
Output enable to output in Low-Z
tLZOE
00000
ns
4,6
Output disable to output in High-Z
tHZOE
5.5
6
7
7.5
8
ns
4,6
WRITE CYCLE
WRITE cycle time
tWC
10
12
15
17
20
ns
Chip select to end of write
tCW
9
10101112
ns
Address valid to end of write
tAW
9
10101112
ns
Address setup time
tAS
00000
ns
Address hold from end of write
tAH
00000
ns
WRITE pulse width, CS\ controlled
tWP1
9
10121415
ns
WRITE pulse width, WE\ controlled
tWP2
9
10121415
ns
Data setup time
tDS
567
7.5
8
ns
Data hold time
tDH
11111
ns
Write disable to output in Low-z
tLZWE
22222
ns
4,6,7
Write enable to output in High-Z
tHZWE
5
5
6
6.5
7
ns
4,6,7
DESCRIPTION
-15
-12
SYMBOL
NOTES
-10
-17
UNITS
-20



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com