Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS111RTO99/XT Datasheet(PDF) 5 Page - Austin Semiconductor

Part # AS111RTO99/XT
Description  Voltage Comparator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS111RTO99/XT Datasheet(HTML) 5 Page - Austin Semiconductor

  AS111RTO99/XT Datasheet HTML 1Page - Austin Semiconductor AS111RTO99/XT Datasheet HTML 2Page - Austin Semiconductor AS111RTO99/XT Datasheet HTML 3Page - Austin Semiconductor AS111RTO99/XT Datasheet HTML 4Page - Austin Semiconductor AS111RTO99/XT Datasheet HTML 5Page - Austin Semiconductor AS111RTO99/XT Datasheet HTML 6Page - Austin Semiconductor AS111RTO99/XT Datasheet HTML 7Page - Austin Semiconductor AS111RTO99/XT Datasheet HTML 8Page - Austin Semiconductor AS111RTO99/XT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
V
V
V
V
Volta
olta
olta
olta
oltagggggeeeee
Comparator
Comparator
Comparator
Comparator
Comparator
AS111 RAD-TOL
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
5
AS111 RAD-TOL
Rev. 1.1 06/05
Austin Semiconductor, Inc.
PRELIMINARY SPECIFICATION
Electrical Characteristics
DC PARAMETERS: (SEE NOTE 8)
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
+Vcc = +15V, Vcm = 0V
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
Vio
Input Offset
Voltage
Vin = 0V, Rs = 50 Ohms
-3
+3
mV
1
-4
+4
mV
2, 3
+Vcc = 29.5V, -Vcc = -0.5V, Vin = 0V,
Vcm = -14.5V, Rs = 50 Ohms
-3
+3
mV
1
-4
+4
mV
2, 3
+Vcc = 2V, -Vcc = -28V, Vin = 0V,
Vcm = +13V, Rs = 50 Ohms
-3
+3
mV
1
-4
+4
mV
2, 3
+Vcc = +2.5V, -Vcc = -2.5V, Vin = 0V,
Rs = 50 Ohms
-3
+3
mV
1
-4
+4
mV
2, 3
Vio(R)
Raised Input
Offset Voltage
Vin = 0V, Rs = 50 Ohms
-3
+3
mV
1
-4.5
+4.5
mV
2, 3
+Vcc = 29.5V, -Vcc = -0.5V, Vin = 0V,
Vcm = -14.5V, Rs = 50 Ohms
-3
+3
mV
1
-4.5
+4.5
mV
2, 3
+Vcc = 2V, -Vcc = -28V, Vin = 0V,
Vcm = +13V, Rs = 50 Ohms
-3
+3
mV
1
-4.5
+4.5
mV
2, 3
Iio
Input Offset
Current
Vin = 0V, Rs = 50K Ohms
-10
+10
nA
1, 2
-20
+20
nA
3
+Vcc = 29.5V, -Vcc = -0.5V, Vin = 0V,
Vcm = -14.5V, Rs = 50K Ohms
-10
+10
nA
1, 2
-20
+20
nA
3
+Vcc = 2V, -Vcc = -28V, Vin = 0V,
Vcm = +13V, Rs = 50K Ohms
-10
+10
nA
1, 2
-20
+20
nA
3
Iio(R)
Raised Input
Offset Current
Vin = 0V, Rs = 50K Ohms
-25
+25
nA
1, 2
-50
+50
nA
3
Iib+
Input Bias
Current
Vin = 0V, Rs = 50K Ohms
-100
0.1
nA
1, 2
-150
0.1
nA
3
+Vcc = 29.5V, -Vcc = -0.5V, Vin = 0V,
Vcm = -14.5V, Rs = 50K Ohms
-150
0.1
nA
1, 2
-200
0.1
nA
3
+Vcc = 2V, -Vcc = -28V, Vin = 0V,
Vcm = +13V, Rs = 50K Ohms
-150
0.1
nA
1, 2
-200
0.1
nA
3
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com