Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS111RTO99/XT Datasheet(PDF) 1 Page - Austin Semiconductor

Part # AS111RTO99/XT
Description  Voltage Comparator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS111RTO99/XT Datasheet(HTML) 1 Page - Austin Semiconductor

  AS111RTO99/XT Datasheet HTML 1Page - Austin Semiconductor AS111RTO99/XT Datasheet HTML 2Page - Austin Semiconductor AS111RTO99/XT Datasheet HTML 3Page - Austin Semiconductor AS111RTO99/XT Datasheet HTML 4Page - Austin Semiconductor AS111RTO99/XT Datasheet HTML 5Page - Austin Semiconductor AS111RTO99/XT Datasheet HTML 6Page - Austin Semiconductor AS111RTO99/XT Datasheet HTML 7Page - Austin Semiconductor AS111RTO99/XT Datasheet HTML 8Page - Austin Semiconductor AS111RTO99/XT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
V
V
V
V
Volta
olta
olta
olta
oltagggggeeeee
Comparator
Comparator
Comparator
Comparator
Comparator
AS111 RAD-TOL
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
1
AS111 RAD-TOL
Rev. 1.1 06/05
Austin Semiconductor, Inc.
PRELIMINARY SPECIFICATION
GENERAL DESCRIPTION
The AS111 is a voltage comparator that has input currents
nearly a thousand times lower than other similar devices. It is
also designed to operate over a wider range of supply voltages:
from standard ±15V op amp supplies down to the single 5V
supply used for IC logic. Their output is compatible with RTL,
DTL and TTL as well as MOS circuits. Further, they can drive
lamps or relays, switching voltages up to 50V at currents as
high as 50 mA.
Both the inputs and the outputs of the AS111 can be
isolated from system ground, and the output can drive loads
referred to ground, the positive supply or the negative supply.
Offset balancing and strobe capability are provided and
outputs can be wire OR’ed. Although slower than some
devices (200 ns response time vs 40 ns), this device is also
much less prone to spurious oscillations.
FEATURES
• Operates from single 5V supply
• Radiation Guaranteed to 100K RADS TID
• Input current: 200 nA max. over temperature
• Offset current: 20 nA max. over temperature
• WIDE Differential input voltage range: ±30V
• Typical Power consumption: 135 mW at ±15V
OPTIONS
MARKINGS
• Packages
8 pin Ceramic DIP
C008
10 pin Cerpack(flatpak)
CP10
10 pin Cerpack Gullwing
GW10
8 Lead Metal Can
TO99
• Process / Temperature Ranges
MILITARY (-55oC to +125oC)
/XT
MIL-STD-883 paragraph 1.2.1
/883
MIL-STD-883 CLASS ‘S’
/SPACE
AVAILABLE AS MILITARY / SPACE
SPECIFICATIONS
• SMD 5962-00524 pending
• Radiation Tolerant
• MIL-STD-883, 1.2.1 “QML” pending
Voltage Comparator
For more products and information
please visit our web site at
www.austinsemiconductor.com
PIN ASSIGNMENT
(Top View)
1
2
3
4
8
7
6
5
GND
INPUT+
INPUT-
V
-
V
+
OUTPUT
BALANCE/
STROBE
BALANCE
1
2
3
4
5
10
9
8
7
6
8 Pin Ceramic DIP (C008)
10 Pin CerPack flatpak(CP10)
8 Lead Metal Can (TO99)
V
+
GND
INPUT+
INPUT-
BALANCE
V
-
BALANCE/STROBE
OUTPUT
1
2
3
4
5
6
7
8
V
+
OUTPUT
BALANCE/
STROBE
BALANCE
GND
INPUT+
INPUT-
V
_
N/C
N/C
10 Pin CerPack Gullwing(GW10)
V
+
OUTPUT
BALANCE/
STROBE
BALANCE
GND
INPUT+
INPUT-
V
_
N/C
N/C


Similar Part No. - AS111RTO99/XT

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS111 AUSTIN-AS111 Datasheet
2Mb / 21P
Voltage Comparator
logo
Micross Components
AS111 MICROSS-AS111 Datasheet
243Kb / 21P
Operates from single 5V supply
logo
ams AG
AS1110 AMSCO-AS1110 Datasheet
926Kb / 24P
Constant-Current, 16-Channel LED Driver with Diagnostics
AS1110 AMSCO-AS1110 Datasheet
1,004Kb / 24P
Constant-Current, 16-Channel LED Driver with Diagnostics
AS1110 AMSCO-AS1110 Datasheet
403Kb / 25P
Constant-Current, 16-Channel LED Driver with Diagnostics
More results

Similar Description - AS111RTO99/XT

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51206TL MITSUBISHI-M51206TL Datasheet
115Kb / 4P
VOLTAGE COMPARATOR?
logo
NXP Semiconductors
NE527 PHILIPS-NE527 Datasheet
131Kb / 5P
Voltage comparator
August 31, 1994
logo
Linear Technology
RH1011 LINER-RH1011 Datasheet
144Kb / 4P
Voltage Comparator
RH111 LINER-RH111 Datasheet
143Kb / 4P
Voltage Comparator
logo
National Semiconductor ...
MDLM111-X NSC-MDLM111-X Datasheet
303Kb / 17P
VOLTAGE COMPARATOR
LM111JAN NSC-LM111JAN Datasheet
798Kb / 26P
Voltage Comparator
logo
Austin Semiconductor
AS111 AUSTIN-AS111 Datasheet
2Mb / 21P
Voltage Comparator
logo
Linear Technology
RH1011 LINER-RH1011_15 Datasheet
70Kb / 2P
Voltage Comparator
LT1011A LINER-LT1011A_15 Datasheet
294Kb / 20P
Voltage Comparator
logo
JSC ALFA.
AS527 ALFA-AS527 Datasheet
207Kb / 3P
Voltage comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com