Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS111RTO99/XT Datasheet(PDF) 21 Page - Austin Semiconductor

Part # AS111RTO99/XT
Description  Voltage Comparator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS111RTO99/XT Datasheet(HTML) 21 Page - Austin Semiconductor

Back Button AS111RTO99/XT Datasheet HTML 14Page - Austin Semiconductor AS111RTO99/XT Datasheet HTML 15Page - Austin Semiconductor AS111RTO99/XT Datasheet HTML 16Page - Austin Semiconductor AS111RTO99/XT Datasheet HTML 17Page - Austin Semiconductor AS111RTO99/XT Datasheet HTML 18Page - Austin Semiconductor AS111RTO99/XT Datasheet HTML 19Page - Austin Semiconductor AS111RTO99/XT Datasheet HTML 20Page - Austin Semiconductor AS111RTO99/XT Datasheet HTML 21Page - Austin Semiconductor AS111RTO99/XT Datasheet HTML 22Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
V
V
V
V
Volta
olta
olta
olta
oltagggggeeeee
Comparator
Comparator
Comparator
Comparator
Comparator
AS111 RAD-TOL
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
21
AS111 RAD-TOL
Rev. 1.1 06/05
Austin Semiconductor, Inc.
PRELIMINARY SPECIFICATION
*AVAILABLE PROCESSES:
XT = Extended Temperature Range
-55oC to +125oC
/883C = MIL-STD-883 paragraph 1.2.1
-55oC to +125oC
/SPACE = MIL-STD-883 para 1.2.1
-55oC to +125oC
ORDERING INFORMATION
NOTE: ASI supports Customer specified drawings (SCDs), please contact
your SALES or Factory Representative for information.
+
RADIATION Levels:
BLANK = No Radiation Guarantee
P = 30K Rads(Si) Total Dose
R = 100K Rads(Si) Total Dose
EXAMPLE:
AS111C008/XT
Device Number
RAD Level
Package Type
Process
AS111
P,R, or blank
C008
/*
EXAMPLE:
AS111PCP10/883C
Device Number
RAD Level
Package Type
Process
AS111
P,R, or blank
CP10
/*
EXAMPLE:
AS111PGW10/SPACE
Device Number
RAD Level
Package Type
Process
AS111
P,R, or blank
GW10
/*
EXAMPLE:
AS111RTO99/SPACE
Device Number
RAD Level
Package Type
Process
AS111
P,R or blank
TO99
/*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com