Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8264 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8264
Description  Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8264 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8264 Datasheet HTML 9Page - Analog Devices AD8264 Datasheet HTML 10Page - Analog Devices AD8264 Datasheet HTML 11Page - Analog Devices AD8264 Datasheet HTML 12Page - Analog Devices AD8264 Datasheet HTML 13Page - Analog Devices AD8264 Datasheet HTML 14Page - Analog Devices AD8264 Datasheet HTML 15Page - Analog Devices AD8264 Datasheet HTML 16Page - Analog Devices AD8264 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
AD8264
Rev. 0 | Page 13 of 40
1
10
100
–0.7
–0.5
–0.3
–0.1
0.1
0.3
0.5
0.7
VGAIN (V)
DIFFERENTIAL OUTPUT
VGAx
Figure 33. Input Referred Noise from VGAx and Differential Output vs. VGAIN
1
10
100
100k
FREQUENCY (Hz)
1M
10M
100M
10k
1k
100
1
VGAx
DIFFERENTIAL OUTPUT
Figure 34. Input Referred Noise vs. Frequency at Maximum Gain
1
10
100
1k
10k
1
10
100
RSOURCE (Ω)
DIFFERENTIAL OUTPUT
VGAx
Figure 35. Input Referred Noise vs. RSOURCE
5
10
15
20
25
30
35
–0.7
–0.5
–0.3
–0.1
0.1
0.3
0.5
0.7
VGAIN (V)
DIFFERENTIAL OUTPUT
(TERMINATED)
DIFFERENTIAL OUTPUT
(UNTERMINATED)
VGAx (TERMINATED)
VGAx (UNTERMINATED)
Figure 36. Noise Figure vs. VGAIN
–70
–60
–50
–40
–30
–20
–10
0.1
1
10
100
FREQUENCY (MHz)
Figure 37. VOCM Common-Mode Rejection Ratio vs. Frequency
−90
−60
−50
−80
−70
−30
−40
HD2, VS = ±2.5V
HD3, VS = ±2.5V
HD2, VS = ±5V
HD3, VS = ±5V
0
400
800
1200
2000
1600
RLOAD (Ω)
Figure 38. Harmonic Distortion to VGAx vs. RLOAD and Various Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com