Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8264 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8264
Description  Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8264 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8264 Datasheet HTML 17Page - Analog Devices AD8264 Datasheet HTML 18Page - Analog Devices AD8264 Datasheet HTML 19Page - Analog Devices AD8264 Datasheet HTML 20Page - Analog Devices AD8264 Datasheet HTML 21Page - Analog Devices AD8264 Datasheet HTML 22Page - Analog Devices AD8264 Datasheet HTML 23Page - Analog Devices AD8264 Datasheet HTML 24Page - Analog Devices AD8264 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
AD8264
Rev. 0 | Page 21 of 40
PrA
6dB
+
–
6dB
+
–
IPPx
IPNx
GNHx
VOLx
VOHx
OFSx
VOCM
VGAx
AD8264
GNLO
50Ω
DIFFERENTIAL
PROBE
CH1
CH2
50Ω
50Ω
500Ω
500Ω
10Ω
10Ω
NETWORK ANALYZER
CL
CL
Figure 76. Frequency Response to Differential Output for Various Capacitive
Loads with Series R = 10 Ω (See Figure 13)
PrA
6dB
+
–
6dB
+
–
VOCM
AD8264
GNLO
50Ω
DIFFERENTIAL
PROBE
VGAIN
CH1
CH2
50Ω
50Ω
500Ω
CL
NETWORK ANALYZER
IPPx
IPNx
GNHx
VOLx
VOHx
OFSx
VGAx
Figure 77. Frequency Response to VGAx for Various Capacitive Loads
(See Figure 14)
PrA
6dB
+
–
6dB
+
–
VOCM
AD8264
GNLO
50Ω
DIFFERENTIAL
PROBE
VGAIN
CH1
CH2
50Ω
50Ω
500Ω
10Ω
CL
NETWORK ANALYZER
IPPx
IPNx
GNHx
VOLx
VOHx
OFSx
VGAx
Figure 78. Frequency Response to VGAx for Various Capacitive Loads with
Series R =10 Ω (See Figure 16)
PrA
6dB
+
–
6dB
+
–
VOCM
AD8264
GNLO
50Ω
DIFFERENTIAL
PROBE
VGAIN
CH1
CH2
50Ω
50Ω
NETWORK ANALYZER
VS
VSUPPLY
IPPx
IPNx
GNHx
VOLx
VOHx
OFSx
VGAx
Figure 79. Frequency Response vs. Gain to VGAx for
Various Supply Voltages (See Figure 18)
PrA
6dB
+
–
6dB
+
–
IPPx
IPNx
GNHx
VOLx
VOHx
OFSx
VOCM
VGAx
AD8264
GNLO
50Ω
DIFFERENTIAL
PROBE
VGAIN
CH1
CH2
50Ω
50Ω
VS
VSUPPLY
NETWORK ANALYZER
500Ω
500Ω
Figure 80. Frequency Response vs. Gain to Differential Output for
Various Supply Voltages (See Figure 19)
PrA
6dB
+
–
6dB
+
–
IPPx
IPNx
GNHx
VOLx
VOHx
OFSx
VOCM
VGAx
AD8264
GNLO
50Ω
DIFFERENTIAL
PROBE
CH1
CH2
50Ω
50Ω
VS
VSUPPLY
NETWORK ANALYZER
500Ω
500Ω
Figure 81. VOCM Frequency Response to Differential Output (See Figure 21)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com