Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8264ACPZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD8264ACPZ
Description  Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8264ACPZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8264ACPZ Datasheet HTML 18Page - Analog Devices AD8264ACPZ Datasheet HTML 19Page - Analog Devices AD8264ACPZ Datasheet HTML 20Page - Analog Devices AD8264ACPZ Datasheet HTML 21Page - Analog Devices AD8264ACPZ Datasheet HTML 22Page - Analog Devices AD8264ACPZ Datasheet HTML 23Page - Analog Devices AD8264ACPZ Datasheet HTML 24Page - Analog Devices AD8264ACPZ Datasheet HTML 25Page - Analog Devices AD8264ACPZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
AD8264
Rev. 0 | Page 22 of 40
PrA
6dB
+
–
6dB
+
–
IPPx
IPNx
GNHx
VOLx
VOHx
OFSx
VOCM
VGAx
AD8264
GNLO
50Ω
DIFFERENTIAL
PROBE
CH1
CH2
50Ω
50Ω
VS
VSUPPLY
NETWORK ANALYZER
500Ω
500Ω
Figure 82. OFSx Frequency Response to Differential Output (See Figure 22)
PrA
6dB
+
–
6dB
+
–
IPPx
IPNx
GNHx
VOLx
VOHx
OFSx
VOCM
VGAx
AD8264
OVEN
GNLO
DC
METER
500Ω
500Ω
500Ω
VGAIN
Figure 83. Output Offset Voltage vs. VGAIN vs. Temperature
(See Figure 26 and Figure 27)
PrA
6dB
+
–
6dB
+
–
VOCM
AD8264
GNLO
50Ω
CH2
CH1
50Ω
50Ω
NETWORK ANALYZER
VS
VSUPPLY
IPPx
IPNx
GNHx
VOLx
VOHx
OFSx
VGAx
Figure 84. Output Resistance vs. Frequency
(See Figure 30 and Figure 31)
PrA
6dB
+
–
6dB
+
–
VOCM
AD8264
GNLO
CH2
CH1
50Ω
50Ω
SPECTRUM ANALYZER
VGAIN
IPPx
IPNx
GNHx
VOLx
VOHx
OFSx
VGAx
AD8129
10×
AD8129
10×
Figure 85. Output Referred Noise vs. VGAIN (See Figure 32)
PrA
6dB
+
–
6dB
+
–
VOCM
AD8264
GNLO
CH2
CH1
50Ω
50Ω
220Ω
SPECTRUM ANALYZER
IPPx
IPNx
GNHx
VOLx
VOHx
OFSx
VGAx
AD8129
10×
AD8129
10×
50Ω
Figure 86. Input Referred Noise vs. Frequency (See Figure 34)
PrA
6dB
+
–
6dB
+
–
VOCM
AD8264
GNLO
IPPx
NOISE
SOURCE
NOISE METER
50Ω
50Ω
IPNx
GNHx
VOLx
VOHx
OFSx
VGAx
VGAIN
Figure 87. Noise Figure vs. VGAIN (See Figure 36)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com