Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8264ACPZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD8264ACPZ
Description  Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8264ACPZ Datasheet(HTML) 3 Page - Analog Devices

  AD8264ACPZ Datasheet HTML 1Page - Analog Devices AD8264ACPZ Datasheet HTML 2Page - Analog Devices AD8264ACPZ Datasheet HTML 3Page - Analog Devices AD8264ACPZ Datasheet HTML 4Page - Analog Devices AD8264ACPZ Datasheet HTML 5Page - Analog Devices AD8264ACPZ Datasheet HTML 6Page - Analog Devices AD8264ACPZ Datasheet HTML 7Page - Analog Devices AD8264ACPZ Datasheet HTML 8Page - Analog Devices AD8264ACPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
AD8264
Rev. 0 | Page 3 of 40
SPECIFICATIONS
VS = ±2.5 V, TA = 25°C, f = 10 MHz, CL = 5 pF, RL = 500 Ω per output (VGAx, VOHx, VOLx), VGAIN = (VGNHx − VGNLO) = 0 V,
VVOCM = GND, VOFSx = GND, gain range = 6 dB to 30 dB, unless otherwise specified.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
GENERAL PERFORMANCE
–3 dB Small Signal Bandwidth (VGAx)
VOUT = 10 mV p-p
235
MHz
–3 dB Large Signal Bandwidth (VGAx)
VOUT = 1 V p-p
150
MHz
–3 dB Small Signal Bandwidth (Differential Output)1
VOUT = 100 mV p-p
80
MHz
–3 dB Large Signal Bandwidth (Differential Output)1
VOUT = 2 V p-p
80
MHz
Slew Rate
VGAx, VOUT = 2 V p-p
380
V/μs
VGAx, VOUT = 1 V p-p
290
V/μs
Differential output, VOUT = 2 V p-p
470
V/μs
Differential output, VOUT = 1 V p-p
220
V/μs
Input Bias Current
Pins IPPx
−8
−5
−3
μA
Input Resistance
Pins IPPx at dc; ΔVIN/ΔIBIAS
4.2
MΩ
Input Capacitance
Pins IPPx
2
pF
Input Impedance
Pins IPPx at 10 MHz
7.9
kΩ
Input Voltage Noise
2.3
nV/√Hz
Input Current Noise
2
pA/√Hz
Noise Figure (Differential Output)
VGAIN = 0.7 V, RS = 50 Ω, unterminated
9
dB
Output-Referred Noise (Differential Output)
VGAIN = 0.7 V (Gain = 30 dB)
72
nV/√Hz
VGAIN = −0.7 V (Gain = 6 dB)
45
nV/√Hz
Output Impedance
VGAx, dc to 10 MHz
3.5
Ω
Differential output, dc to 10 MHz
<1
Ω
Output Signal Range
Preamp
|VS| − 1.3
V
VGAx, RL ≥ 500 Ω
|VS| − 1.3
V
Differential amplifier, RL ≥ 500 Ω per side
|VS| − 0.5
V
Output Offset Voltage
Preamp offset
−6
|<1|
+6
mV
VGAx offset, VGAIN = 0.7 V
−18
|<5|
+18
mV
Differential output offset, VGAIN = 0.7 V
−38
|<10|
+38
mV
DYNAMIC PERFORMANCE
Harmonic Distortion
VGAx = 1 V p-p, differential
output = 2 V p-p (measured at VGAx)
HD2
f = 1 MHz
−73
dBc
HD3
−68
dBc
HD2
f = 10 MHz
−71
dBc
HD3
−61
dBc
HD2
f = 35 MHz
−60
dBc
HD3
−53
dBc
VGAx = 1 V p-p, differential output = 2 V p-p
(measured at differential output)
HD2
f = 1 MHz
−78
dBc
HD3
−66
dBc
HD2
f = 10 MHz
−71
dBc
HD3
−43
dBc
HD2
f = 35 MHz
−56
dBc
HD3
−20
dBc
Input 1 dB Compression Point
VGAIN = −0.7 V, f = 10 MHz
7
dBm2
VGAIN = +0.7 V, f = 10 MHz
−9.6
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com