Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8264ACPZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD8264ACPZ
Description  Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8264ACPZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8264ACPZ Datasheet HTML 19Page - Analog Devices AD8264ACPZ Datasheet HTML 20Page - Analog Devices AD8264ACPZ Datasheet HTML 21Page - Analog Devices AD8264ACPZ Datasheet HTML 22Page - Analog Devices AD8264ACPZ Datasheet HTML 23Page - Analog Devices AD8264ACPZ Datasheet HTML 24Page - Analog Devices AD8264ACPZ Datasheet HTML 25Page - Analog Devices AD8264ACPZ Datasheet HTML 26Page - Analog Devices AD8264ACPZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
AD8264
Rev. 0 | Page 23 of 40
PrA
6dB
+
–
6dB
+
–
VOCM
AD8264
GNLO
CH2
CH1
50Ω
50Ω
220Ω
SPECTRUM ANALYZER
IPPx
RS
IPNx
GNHx
VOLx
VOHx
OFSx
VGAx
AD8129
10×
AD8129
10×
50Ω
50Ω 0.1µF
50Ω 0.1µF
1kΩ
1kΩ
0.1µF
50Ω
Figure 88. Input Referred Noise vs. RSOURCE (See Figure 35)
PrA
6dB
+
–
6dB
+
–
IPPx
IPNx
GNHx
VOLx
VOHx
OFSx
VOCM
VGAx
AD8264
GNLO
50Ω
DIFFERENTIAL
PROBE
CH1
CH2
50Ω
50Ω
NETWORK ANALYZER
500Ω
500Ω
Figure 89. VOCM Common-Mode Rejection vs. Frequency (See Figure 37)
PrA
6dB
+
–
6dB
+
–
IPPx
IPNx
GNHx
VOLx
VOHx
OFSx
VOCM
VGAx
AD8264
GNLO
50Ω
CH1
50Ω
50Ω
500Ω
VS
VSUPPLY
OUT
SIGNAL
GENERATOR
LPF
SPECTRUM ANALYZER
Figure 90. Test Circuit Harmonic Distortion to VGAx vs.
RLOAD and Various Supplies (See Figure 38)
PrA
6dB
+
–
6dB
+
–
IPPx
IPNx
GNHx
VOLx
VOHx
OFSx
VOCM
VGAx
AD8264
GNLO
50Ω
CH1
CL
50Ω
50Ω
10Ω
OUT
SIGNAL
GENERATOR
SPECTRUM ANALYZER
LPF
Figure 91. Harmonic Distortion to VGAx vs. CLOAD (Figure 39)
RL
RL
AD8130
1×
PrA
6dB
+
–
6dB
+
–
VOCM
AD8264
GNLO
50Ω
CH1
50Ω
50Ω
450Ω
OUT
SIGNAL
GENERATOR
IPPx
IPNx
GNHx
VOLx
VOHx
OFSx
VGAx
SPECTRUM ANALYZER
LPF
VSUPPLY
VS
Figure 92. Harmonic Distortion to Differential Output vs. RLOAD and Various
Supplies (See Figure 40)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com