Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9548 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9548
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9548 Datasheet HTML 35Page - Analog Devices AD9548 Datasheet HTML 36Page - Analog Devices AD9548 Datasheet HTML 37Page - Analog Devices AD9548 Datasheet HTML 38Page - Analog Devices AD9548 Datasheet HTML 39Page - Analog Devices AD9548 Datasheet HTML 40Page - Analog Devices AD9548 Datasheet HTML 41Page - Analog Devices AD9548 Datasheet HTML 42Page - Analog Devices AD9548 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 112 page
background image
AD9548
Rev. 0 | Page 39 of 112
To determine the external loop filter components, the user
decides on the desired open loop bandwidth (fOL) and phase
margin (φ). These parameters allow calculation of the loop filter
components, as follows:
()⎟
⎟
⎠
⎞
⎜⎜
⎝
⎛
+
=
φ
sin
1
1
VCO
CP
OL
K
I
Nf
R1
π
()
()2
2
φ
tan
OL
VCO
CP
f
N
K
I
C1
π
=
()
()
() ⎟
⎟
⎠
⎞
⎜⎜
⎝
⎛ −
=
φ
cos
φ
sin
1
2
2
OL
VCO
CP
f
N
K
I
C2
π
where KVCO = 7 × 107 V/ns (typical), ICP is the programmed
charge pump current (amperes), N is the programmed feedback
divider value, fOL is the desired open-loop bandwidth (in hertz),
and Φ is the desired phase margin (in radians).
For example, assuming that N = 40, ICP = 0.5 mA, fOL = 400 kHz,
and Φ = 50°, then the loop filter calculations yield R1 = 3.31
kΩ, C1 = 330 pF, and C2 = 50.4 pF.
System Clock Stability Timer
The system clock stability timer (Register 0106 to Register 0108) is
a 20-bit value programmed in milliseconds. If the programmed
timer value is 0, then the timer immediately indicates that it has
timed out. If the programmed timer value is a nonzero value
and the SYSCLK PLL is enabled, then the timer starts timing
when the SYSCLK PLL lock detector indicates lock and times
out after the prescribed period. However, when the user
disables the SYSCLK PLL, then the timer ignores the SYSCLK
PLL lock detector and starts timing as soon as the SYSCLK PLL
is disabled. The user can monitor the status of the stability timer
via Register 0D01, Bit 4, via the multifunction pins or via the
IRQ pin.
Note that the system clock stability timer must be programmed
before the SYSCLK PLL is either activated or disabled.
SYSCLK PLL Calibration
When using the SYSCLK PLL, it is necessary to calibrate the LC
VCO to ensure that the PLL can remain locked to the system
clock input signal. Assuming the presence of either an external
SYSCLK input signal or a crystal resonator, the calibration
process executes after the user sets and then clears the calibrate
system clock bit in the cal/sync register (Register 0A02, Bit 0).
During the calibration process, the device calibrates the VCO
amplitude and frequency. The status of the system clock cali-
bration process is user accessible via the system clock register
(Register 0D01, Bit 1). It is also available via the IRQ monitor
register (Register 0D02, Bit 1) provided the status bit is enabled
via the IRQ mask register.
When the calibration sequence is complete, the SYSCLK PLL
eventually attains a lock condition, at which point the system
clock stability timer begins its countdown sequence. Expiration
of the timer indicates that the SYSCLK PLL is stable, which is
reflected in the system clock register (Register 0D01, Bit 4).
Note that the monitors/detectors associated with the input
references (REFA/AA – REFD/DD) are internally disabled until
the SYSCLK PLL indicates that it is stable.
CLOCK DISTRIBUTION
The clock distribution block of the AD9548 provides an
integrated solution for generating multiple clock outputs based
on frequency dividing the DPLL output. The distribution
output consists of four channels (OUT0 to OUT3). Each of the
four output channels has a dedicated divider and output driver,
as appears in Figure 47.
Q0
SYNC
CONTROL
ENABLEn/MODEn
SYNC SOURCE
CLKINP
OUT1P
OUT1N
OUT2P
OUT2N
OUT3P
OUT3N
OUT1
OUT3
OUT2
OUT0
CLKINN
OUT_RSET
OUT0P
OUT0N
4
4
4
Figure 47. Clock Distribution
Clock Input (CLKINx)
The clock input handles input signals from a variety of logic
families (assuming proper terminations and sufficient voltage
swing). It also handles sine wave input signals such as those
delivered by the DAC reconstruction filter. Its default operating
frequency range is 62.5 MHz to 500 MHz.
Super-Nyquist Operation
Typically, the maximum usable frequency at the DAC output is
about 45% of the system clock frequency. However, because it is
a sampled DAC, its output spectrum contains Nyquist images.
Of particular interest are the images appearing in the first Nyquist
zone (50% to 100% of the system clock frequency). Super-
Nyquist operation takes advantage of these higher frequencies,
but this implies that the CLKINx input operates in excess of
500 MHz, which is outside of its default operating limits.
The CLKINx receiver actually consists of two separate receivers:
the default receiver and an optional high frequency receiver,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com