Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9548 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9548
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9548 Datasheet HTML 8Page - Analog Devices AD9548 Datasheet HTML 9Page - Analog Devices AD9548 Datasheet HTML 10Page - Analog Devices AD9548 Datasheet HTML 11Page - Analog Devices AD9548 Datasheet HTML 12Page - Analog Devices AD9548 Datasheet HTML 13Page - Analog Devices AD9548 Datasheet HTML 14Page - Analog Devices AD9548 Datasheet HTML 15Page - Analog Devices AD9548 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 112 page
background image
AD9548
Rev. 0 | Page 12 of 112
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SDA (AS OUTPUT)
Output Logic 0 Voltage
0.4
V
IO = 3 mA.
Output Fall Time from VIHmin to VILmax
20 + 0.1 Cb1
250
ns
10 pF ≤ Cb ≤ 400 pF.
TIMING
SCL Clock Rate
400
kHz
Bus-Free Time Between a Stop and Start
Condition, tBUF
1.3
μs
Repeated Start Condition Setup Time,
tSU; STA
0.6
μs
Repeated Hold Time Start Condition, tHD;STA
0.6
μs
After this period, the first clock
pulse is generated.
Stop Condition Setup Time, tSU; STO
0.6
μs
Low Period of the SCL Clock, tLO
1.3
μs
High Period of the SCL Clock, tHI
0.6
μs
SCL/SDA Rise Time, tR
20 + 0.1 Cb1
300
ns
SCL/SDA Fall Time, tF
20 + 0.1 Cb1
300
ns
Data Setup Time, tSU; DAT
100
ns
Data Hold Time, tHD; DAT
100
ns
Capacitive Load for Each Bus Line, Cb1
400
pF
1 Cb is the capacitance (pF) of a single bus line.
JITTER GENERATION
Table 19.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
JITTER GENERATION
fREF = 1 Hz1; fDDS = 122.88 MHz2; fLOOP = 0.01 Hz3
fSYSCLK = 20 MHz4 OCXO; fS = 1 GHz5; Q-
divider = 1; default SysClk PLL charge pump
current; results valid for LVPECL, LVDS, and
CMOS output logic types
Bandwidth: 100 Hz to 61 MHz
0.81
ps rms
Random jitter
Bandwidth: 5 kHz to 20 MHz
0.73
ps rms
Random jitter
Bandwidth: 20 kHz to 80 MHz
0.79
ps rms
Random jitter
Bandwidth: 50 kHz to 80 MHz
0.78
ps rms
Random jitter
Bandwidth: 4 MHz to 80 MHz
0.37
ps rms
Random jitter
fREF = 8 kHz1; fDDS = 155.52 MHz2; fLOOP = 100 Hz3
fSYSCLK = 50 MHz4 crystal;
fS = 1 GHz5; Q-divider = 1; default SYSCLK
PLL charge pump current; results valid for
LVPECL, LVDS, and CMOS output logic types
Bandwidth: 100 Hz to 77 MHz
0.71
ps rms
Random jitter
Bandwidth: 5 kHz to 20 MHz
0.34
ps rms
Random jitter
Bandwidth: 20 kHz to 80 MHz
0.43
ps rms
Random jitter
Bandwidth: 50 kHz to 80 MHz
0.43
ps rms
Random jitter
Bandwidth: 4 MHz to 80 MHz
0.31
ps rms
Random jitter
fREF = 19.44 MHz1; fDDS = 155.52 MHz2; fLOOP = 1 kHz3
fSYSCLK = 50 MHz4 crystal;
fS = 1 GHz5; Q-divider = 1; default SYSCLK
PLL charge pump current; results valid for
LVPECL, LVDS, and CMOS output logic types
Bandwidth: 100 Hz to 77 MHz
1.05
ps rms
Random jitter
Bandwidth: 5 kHz to 20 MHz
0.34
ps rms
Random jitter
Bandwidth: 20 kHz to 80 MHz
0.43
ps rms
Random jitter
Bandwidth: 50 kHz to 80 MHz
0.43
ps rms
Random jitter
Bandwidth: 4 MHz to 80 MHz
0.32
ps rms
Random jitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com