Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9548 Datasheet(PDF) 97 Page - Analog Devices

Part # AD9548
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548 Datasheet(HTML) 97 Page - Analog Devices

Back Button AD9548 Datasheet HTML 93Page - Analog Devices AD9548 Datasheet HTML 94Page - Analog Devices AD9548 Datasheet HTML 95Page - Analog Devices AD9548 Datasheet HTML 96Page - Analog Devices AD9548 Datasheet HTML 97Page - Analog Devices AD9548 Datasheet HTML 98Page - Analog Devices AD9548 Datasheet HTML 99Page - Analog Devices AD9548 Datasheet HTML 100Page - Analog Devices AD9548 Datasheet HTML 101Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 112 page
background image
AD9548
Rev. 0 | Page 97 of 112
Address
Bits
Bit Name
Description
0A0F
[7]
Ref Mon Override DD
Overrides the reference monitor REF fault signal for Reference DD (default = 0, not
overridden).
[6]
Ref Mon Override D
Overrides the reference monitor REF fault signal for Reference D (default = 0, not
overridden).
[5]
Ref Mon Override CC
Overrides the reference monitor REF fault signal for Reference CC (default = 0, not
overridden).
[4]
Ref Mon Override C
Overrides the reference monitor REF fault signal for Reference C (default = 0, not
overridden).
[3]
Ref Mon Override BB
Overrides the reference monitor REF fault signal for Reference BB (default = 0, not
overridden).
[2]
Ref Mon Override B
Overrides the reference monitor REF fault signal for Reference B (default = 0, not
overridden).
[1]
Ref Mon Override AA
Overrides the reference monitor REF fault signal for Reference AA (default = 0, not
overridden).
[0]
Ref Mon Override A
Overrides the reference monitor REF fault signal for Reference A (default = 0, not
overridden).
0A10
[7]
Ref Mon Bypass DD
Bypasses the reference monitor for Reference DD (default = 0, not bypassed).
[6]
Ref Mon Bypass D
Bypasses the reference monitor for Reference D (default = 0, not bypassed).
[5]
Ref Mon Bypass CC
Bypasses the reference monitor for Reference CC (default = 0, not bypassed).
[4]
Ref Mon Bypass C
Bypasses the reference monitor for Reference C (default = 0, not bypassed).
[3]
Ref Mon Bypass BB
Bypasses the reference monitor for Reference BB (default = 0, not bypassed).
[2]
Ref Mon Bypass B
Bypasses the reference monitor for Reference B (default = 0, not bypassed).
[1]
Ref Mon Bypass AA
Bypasses the reference monitor for Reference AA (default = 0, not bypassed).
[0]
Ref Mon Bypass A
Bypasses the reference monitor for Reference A (default = 0, not bypassed).
1 See Figure 34 for details.
STATUS READBACK (REGISTER 0D00 TO REGISTER 0D19)
All bits in Register 0D00 to Register 0D19 are read only.
Table 130. EEPROM Status
Address
Bits
Bit Name
Description
0D00
[7:3]
Unused
[2]
Fault detected
An error occurred while saving data to or loading data from the EEPROM.
[1]
Load in progress
The control logic sets this bit while data is being read from the EEPROM.
[0]
Save in progress
The control logic sets this bit while data is being written to the EEPROM.
Table 131. SYSCLK Status
Address
Bits
Bit Name
Description
0D01
[7:5]
Unused
[4]
Stable
The control logic sets this bit when the device considers the system clock to be stable
(see the System Clock Stability Timer section).
[3:2]
Unused
[1]
Cal in progress
The control logic holds this bit set while the system clock calibration is in progress.
[0]
Lock detected
Indicates the status of the system clock PLL.
0 = unlocked.
1 = locked (or the PLL is disabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com