Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1612ARMZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP1612ARMZ-R7
Description  650 kHz /1.3 MHz Step-Up PWM DC-to-DC Switching Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1612ARMZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP1612ARMZ-R7 Datasheet HTML 1Page - Analog Devices ADP1612ARMZ-R7 Datasheet HTML 2Page - Analog Devices ADP1612ARMZ-R7 Datasheet HTML 3Page - Analog Devices ADP1612ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADP1612ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADP1612ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADP1612ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADP1612ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADP1612ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ADP1612/ADP1613
Rev. A | Page 5 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
COMP 1
FB
2
EN
3
GND
4
SS
8
FREQ
7
VIN
6
SW
5
ADP1612/
ADP1613
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
COMP
Compensation Input. Connect a series resistor-capacitor network from COMP to GND to compensate the regulator.
2
FB
Output Voltage Feedback Input. Connect a resistive voltage divider from the output voltage to FB to set the
regulator output voltage.
3
EN
Enable Input. Drive EN low to shut down the regulator; drive EN high to turn on the regulator.
4
GND
Ground.
5
SW
Switching Output. Connect the power inductor from the input voltage to SW and connect the external rectifier
from SW to the output voltage to complete the step-up converter.
6
VIN
Main Power Supply Input. VIN powers the ADP1612/ADP1613 internal circuitry. Connect VIN to the input source
voltage. Bypass VIN to GND with a 10 μF or greater capacitor as close to the ADP1612/ADP1613 as possible.
7
FREQ
Frequency Setting Input. FREQ controls the switching frequency. Connect FREQ to GND to program the oscillator
to 650 kHz, or connect FREQ to VIN to program it to 1.3 MHz. If FREQ is left floating, the part defaults to 650 kHz.
8
SS
Soft Start Timing Capacitor Input. A capacitor connected from SS to GND brings up the output slowly at power-
up and reduces inrush current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com