Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1612ARMZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP1612ARMZ-R7
Description  650 kHz /1.3 MHz Step-Up PWM DC-to-DC Switching Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1612ARMZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP1612ARMZ-R7 Datasheet HTML 1Page - Analog Devices ADP1612ARMZ-R7 Datasheet HTML 2Page - Analog Devices ADP1612ARMZ-R7 Datasheet HTML 3Page - Analog Devices ADP1612ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADP1612ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADP1612ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADP1612ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADP1612ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADP1612ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
650 kHz /1.3 MHz Step-Up
PWM DC-to-DC Switching Converters
ADP1612/ADP1613
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Current limit
1.4 A for the ADP1612
2.0 A for the ADP 1613
Minimum input voltage
1.8 V for the ADP1612
2.5 V for the ADP1613
Pin-selectable 650 kHz or 1.3 MHz PWM frequency
Adjustable output voltage up to 20 V
Adjustable soft start
Undervoltage lockout
Thermal shutdown
8-lead MSOP
APPLICATIONS
TFT LCD bias supplies
Portable applications
Industrial/instrumentation equipment
TYPICAL APPLICATION CIRCUIT
ADP1612/
ADP1613
6
3
7
8
5
2
1
4
VIN
EN
FREQ
SS
SW
FB
COMP
GND
ON
OFF
1.3MHz
650kHz
(DEFAULT)
VOUT
VIN
L1
CIN
CSS
COUT
CCOMP
RCOMP
R1
R2
D1
Figure 1. Step-Up Regulator Configuration
GENERAL DESCRIPTION
The ADP1612/ADP1613 are step-up dc-to-dc switching con-
verters with an integrated power switch capable of providing
an output voltage as high as 20 V. With a package height of less
than 1.1 mm, the ADP1612/ADP1613 are optimal for space-
constrained applications such as portable devices or thin film
transistor (TFT) liquid crystal displays (LCDs).
The ADP1612/ADP1613 operate in current mode pulse-width
modulation (PWM) with up to 94% efficiency. Adjustable
soft start prevents inrush currents when the part is enabled.
The pin-selectable switching frequency and PWM current-mode
architecture allow for excellent transient response, easy noise
filtering, and the use of small, cost-saving external inductors
and capacitors. Other key features include undervoltage lockout
(UVLO), thermal shutdown (TSD), and logic controlled enable.
The ADP1612/ADP1613 are available in the lead-free
8-lead MSOP.
100
90
80
70
60
50
40
30
1
10
100
1k
LOAD CURRENT (mA)
VIN = 5V
fSW = 1.3MHz
TA = 25°C
ADP1612, VOUT = 12V
ADP1612, VOUT = 15V
ADP1613, VOUT = 12V
ADP1613, VOUT = 15V
Figure 2. ADP1612/ADP1613 Efficiency for Various Output Voltages


Similar Part No. - ADP1612ARMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP161 AD-ADP161 Datasheet
513Kb / 20P
Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator
REV. 0
ADP1610 AD-ADP1610 Datasheet
948Kb / 16P
1.2 MHz DC-DC Step-Up Switching Converter
10/04-Revision 0
ADP1610 AD-ADP1610 Datasheet
819Kb / 32P
Constant-Frequency, Current-Mode Step-Up DC/DC Controller
12/06-Rev. 0 to Rev. A
ADP1610ARMZ-R7 AD-ADP1610ARMZ-R7 Datasheet
948Kb / 16P
1.2 MHz DC-DC Step-Up Switching Converter
10/04-Revision 0
ADP1610 AD-ADP1610_15 Datasheet
868Kb / 20P
1.2 MHz DC-to-DC Step-Up Switching Converter
REV. A
More results

Similar Description - ADP1612ARMZ-R7

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9106 TOREX-XC9106 Datasheet
109Kb / 8P
PWM Control, PWM/PFM Switching Control, Step-up DC/DC Converters
XC910607 TOREX-XC910607 Datasheet
81Kb / 7P
PWM Control, PWM/PFM Switching Control, Step-up DC/DC Converters
logo
Texas Instruments
TPS61087 TI-TPS61087 Datasheet
928Kb / 25P
650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085 TI-TPS61085 Datasheet
731Kb / 23P
650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
logo
Analog Devices
ADP1614 AD-ADP1614 Datasheet
415Kb / 16P
650 kHz/1.3 MHz, 4 A, Step-Up
REV. 0
logo
Texas Instruments
TPS61085-Q1 TI1-TPS61085-Q1 Datasheet
794Kb / 22P
650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085T TI1-TPS61085T Datasheet
874Kb / 24P
650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085-Q1 TI-TPS61085-Q1_15 Datasheet
779Kb / 24P
650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085T TI-TPS61085T_15 Datasheet
1Mb / 26P
650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085 TI1-TPS61085_17 Datasheet
1Mb / 30P
650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com