Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1612ARMZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADP1612ARMZ-R7
Description  650 kHz /1.3 MHz Step-Up PWM DC-to-DC Switching Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1612ARMZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADP1612ARMZ-R7 Datasheet HTML 20Page - Analog Devices ADP1612ARMZ-R7 Datasheet HTML 21Page - Analog Devices ADP1612ARMZ-R7 Datasheet HTML 22Page - Analog Devices ADP1612ARMZ-R7 Datasheet HTML 23Page - Analog Devices ADP1612ARMZ-R7 Datasheet HTML 24Page - Analog Devices ADP1612ARMZ-R7 Datasheet HTML 25Page - Analog Devices ADP1612ARMZ-R7 Datasheet HTML 26Page - Analog Devices ADP1612ARMZ-R7 Datasheet HTML 27Page - Analog Devices ADP1612ARMZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
ADP1612/ADP1613
Rev. A | Page 25 of 28
COMPLIANT TO JEDEC STANDARDS MO-187-AA
0°
0.40
OUTLINE DIMENSIONS
6°
0.70
0.55
4
8
1
5
0.65 BSC
0.40
0.25
1.10 MAX
3.20
3.00
2.80
0.23
COPLANARITY
0.10
0.13
3.20
3.00
2.80
5.15
4.90
4.65
PIN 1
IDENTIFIER
15° MAX
0.95
0.85
0.75
0.15
0.05
Figure 78. 8-Lead Mini Small Outline Package [MSOP]
(RM-8)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
ADP1612ARMZ-R71
−40°C to +125°C
8-Lead Mini Small Outline Package [MSOP]
RM-8
L7Z
ADP1613ARMZ-R71
−40°C to +125°C
8-Lead Mini Small Outline Package [MSOP]
RM-8
L96
ADP1612-5-EVALZ1
Evaluation Board, 5 V Output Voltage Configuration
ADP1612-BL1-EVZ1
Blank Evaluation Board
ADP1613-12-EVALZ1
Evaluation Board, 12 V Output Voltage Configuration
ADP1613-BL1-EVZ1
Blank Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com