Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1613ARMZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP1613ARMZ-R7
Description  650 kHz /1.3 MHz Step-Up PWM DC-to-DC Switching Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1613ARMZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP1613ARMZ-R7 Datasheet HTML 3Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ADP1612/ADP1613
Rev. A | Page 7 of 28
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.8
2.3
2.8
3.3
3.8
4.3
4.8
INPUT VOLTAGE (V)
ADP1612
TA = +25°C
TA = +85°C
TA = –40°C
Figure 10. ADP1612 Switch Current Limit vs. Input Voltage, VOUT = 5 V
2.0
1.8
1.6
1.4
1.2
1.0
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
INPUT VOLTAGE (V)
ADP1612
TA = +25°C
TA = +85°C
TA = –40°C
Figure 11. ADP1612 Switch Current Limit vs. Input Voltage, VOUT = 8 V
1.6
1.4
1.2
1.0
0.8
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
INPUT VOLTAGE (V)
ADP1612
TA = +25°C
TA = –40°C
TA = +85°C
Figure 12. ADP1612 Switch Current Limit vs. Input Voltage, VOUT = 15 V
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
2.5
3.0
3.5
4.0
4.5
INPUT VOLTAGE (V)
ADP1613
TA = +25°C
TA = +85°C
TA = –40°C
Figure 13. ADP1613 Switch Current Limit vs. Input Voltage, VOUT = 5 V
2.6
2.4
2.2
2.0
1.8
2.5
3.0
3.5
4.0
INPUT VOLTAGE (V)
4.5
5.0
5.5
ADP1613
TA = +25°C
TA = +85°C
TA = –40°C
Figure 14. ADP1613 Switch Current Limit vs. Input Voltage, VOUT = 8 V
2.6
2.4
2.2
2.0
1.8
1.6
1.4
2.5
3.0
3.5
4.0
INPUT VOLTAGE (V)
4.5
5.0
5.5
ADP1613
TA = +85°C
TA = +25°C
TA = –40°C
Figure 15. ADP1613 Switch Current Limit vs. Input Voltage, VOUT = 15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com