Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1613ARMZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP1613ARMZ-R7
Description  650 kHz /1.3 MHz Step-Up PWM DC-to-DC Switching Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1613ARMZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP1613ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADP1613ARMZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADP1612/ADP1613
Rev. A | Page 10 of 28
T
TIME (400ns/DIV)
VIN = 5V
VOUT = 12V
ILOAD = 20mA
L = 6.8µH
fSW = 1.3MHz
COUT = 10µF
OUTPUT VOLTAGE (5V/DIV)
INDUCTOR CURRENT
(200mA/DIV)
SWITCH VOLTAGE (10V/DIV)
Figure 28. ADP1612/ADP1613 Switching Waveform in Discontinuous
Conduction Mode
T
TIME (400ns/DIV)
VIN = 5V
VOUT = 12V
ILOAD = 200mA
L = 6.8µH
fSW = 1.3MHz
COUT = 10µF
OUTPUT VOLTAGE (5V/DIV)
INDUCTOR CURRENT
(500mA/DIV)
SWITCH VOLTAGE (10V/DIV)
Figure 29. ADP1612/ADP1613 Switching Waveform in Continuous
Conduction Mode
T
TIME (20ms/DIV)
VIN = 5V
VOUT = 12V
ILOAD = 250mA
L = 6.8µH
fSW = 1.3MHz
OUTPUT VOLTAGE (5V/DIV)
INDUCTOR CURRENT (2A/DIV)
SWITCH VOLTAGE (10V/DIV)
EN PIN VOLTAGE (5V/DIV)
Figure 30. ADP1612/ADP1613 Start-Up from VIN, CSS =33 nF
T
TIME (20ms/DIV)
VIN = 5V
VOUT = 12V
ILOAD = 250mA
L = 6.8µH
fSW = 1.3MHz
OUTPUT VOLTAGE (5V/DIV)
SWITCH VOLTAGE (10V/DIV)
EN PIN VOLTAGE (5V/DIV)
INDUCTOR CURRENT (2A/DIV)
Figure 31. ADP1612/ADP1613 Start-Up from VIN, CSS =100 nF
T
TIME (400µs/DIV)
VIN = 5V
VOUT = 12V
ILOAD = 250mA
L = 6.8µH
fSW = 1.3MHz
OUTPUT VOLTAGE (5V/DIV)
INDUCTOR CURRENT (500mA/DIV)
SWITCH VOLTAGE (10V/DIV)
EN PIN VOLTAGE (5V/DIV)
Figure 32. ADP1612/ADP1613 Start-Up from Shutdown, CSS = 33 nF
T
TIME (400µs/DIV)
VIN = 5V
VOUT = 12V
ILOAD = 250mA
L = 6.8µH
fSW = 1.3MHz
OUTPUT VOLTAGE (5V/DIV)
INDUCTOR CURRENT (500mA/DIV)
SWITCH VOLTAGE (10V/DIV)
EN PIN VOLTAGE (5V/DIV)
Figure 33. ADP1612/ADP1613 Start-Up from Shutdown, CSS = 100 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com